Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXKC25N80C Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXKC25N80C
Description  N-Channel Enhancement Mode Low RDSon, high VDSS MOSFET Electrically Isolated Back Surface
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXKC25N80C Datasheet(HTML) 3 Page - IXYS Corporation

  IXKC25N80C Datasheet HTML 1Page - IXYS Corporation IXKC25N80C Datasheet HTML 2Page - IXYS Corporation IXKC25N80C Datasheet HTML 3Page - IXYS Corporation IXKC25N80C Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2008 IXYS All rights reserved
3 - 4
20080526a
IXKC 25N80C
IXYS reserves the right to change limits, test conditions and dimensions.
Fig. 1
Power Dissipation
Fig. 2
Typ. Output Characteris-
Fig. 3
Typ. Output Characteris-
Fig. 4
Typ. Drain-Source
on Resistance
0
20
40
60
80
100
120
140
160
0
25
50
75
100
125
150
175
200
225
250
275
T
C
[°C]
0
5
10
15
20
30
0
10
20
30
40
50
60
70
80
90
100
110
120
140
I5 V
6 V
7 V
8 V
20 V
10 V
V
DS
[V]
25
T
J = 25°C
t
p = 10 μs
130
0
5
10
15
20
30
V
DS [V]
0
10
20
30
40
50
70
4 V
4.5 V
5 V
5.5 V
6 V
6.5 V
20 V
10 V
8 V
7 V
25
60
T
J = 150°C
t
p = 10 μs
0
5
10
15
20
25
35
I
D
[A]
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.75
4 V 4.5 V 5 V
5.5 V
6 V
6.5 V
7 V
8 V
10 V
20 V
30
0.7
T
J = 150°C
-60
-20
20
60
100
T
J
[°C]
180
0
0.1
0.2
0.3
0.4
0.5
0.6
0.8
typ
98%
140
0.7
I
D
= 11 A
V
GS = 10 V
Fig. 5
Drain-Source On-State
Resistance
0
2
4
6
8
10
12
14
16
V
GS
[V]
20
0
10
20
30
40
50
60
70
80
90
100
110
130
25°C
150°C
18
120
t
p = 10 μs
Fig. 6
Typ. Transfer Characteris-
Fig. 7
Forward Characteristics
of Body Diode
0
0.4
0.8
1.2
1.6
2
2.4
V
SD
[V]
3
-1
10
0
10
1
10
2
10
T
J = 25°C typ
T
J = 25°C (98%)
T
J = 150°C typ
T
J = 150°C (98%)
2.8
t
p = 10 μs
Fig. 8
Typ. Gate Charge
0
40
80
120
160
200
240
Q
G
[nC]
320
0
2
4
6
8
10
12
16
0.2 VDS max
0.8 VDS max
280
14
I
D = 17 A, pulsed
Fig. 9
Capacitance
0
100
200
300
400
500
600
V
DS
[V]
800
0
10
1
10
2
10
3
10
4
10
5
10
700
V
GS = 0 V
f = 1 MHz
iss
C
Coss
Crss



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com