Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXKC25N80C Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXKC25N80C
Description  N-Channel Enhancement Mode Low RDSon, high VDSS MOSFET Electrically Isolated Back Surface
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXKC25N80C Datasheet(HTML) 4 Page - IXYS Corporation

  IXKC25N80C Datasheet HTML 1Page - IXYS Corporation IXKC25N80C Datasheet HTML 2Page - IXYS Corporation IXKC25N80C Datasheet HTML 3Page - IXYS Corporation IXKC25N80C Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2008 IXYS All rights reserved
4 - 4
20080526a
IXKC 25N80C
IXYS reserves the right to change limits, test conditions and dimensions.
Fig. 10
Typ. Avalanche Energy
Fig. 11
Drain-Source
Breakdown Voltage
Fig. 12
Maximum Transient
Thermal Resistance
25
50
75
100
150
0
50
100
150
200
250
300
350
400
450
500
550
600
700
T
J
[°C]
125
650
I
D
= 3.4 A
V
DD = 50 V
-60
-20
20
60
100
180
720
740
760
780
800
820
840
860
880
900
920
940
980
T
J
[°C]
140
960
1
10
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
Pulse Width [ms]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com