Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AFP528A Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM8AFP528A
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AFP528A Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM8AFP528A Datasheet HTML 96Page - STMicroelectronics STM8AFP528A Datasheet HTML 97Page - STMicroelectronics STM8AFP528A Datasheet HTML 98Page - STMicroelectronics STM8AFP528A Datasheet HTML 99Page - STMicroelectronics STM8AFP528A Datasheet HTML 100Page - STMicroelectronics STM8AFP528A Datasheet HTML 101Page - STMicroelectronics STM8AFP528A Datasheet HTML 102Page - STMicroelectronics STM8AFP528A Datasheet HTML 103Page - STMicroelectronics STM8AFP528A Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 114 page
background image
Package characteristics
STM8AF52/62xx, STM8AF51/61xx
100/114
DocID14395 Rev 10
Table 56. VFQFPN 32-lead very thin fine pitch quad flat no-lead package
mechanical data
Dim.
mm
inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits
Min
Typ
Max
Min
Typ
Max
A
0.800
0.900
1.000
0.0315
0.0354
0.0394
A1
0.000
0.020
0.050
0.000
0.0008
0.0020
A3
—
0.200
—
—
0.0079
—
b
0.180
0.250
0.300
0.0071
0.0098
0.0118
D
4.850
5.000
5.150
0.1909
0.1969
0.2028
D2
3.400
3.450
3.500
0.1339
0.1358
0.1378
E
4.850
5.000
5.150
0.1909
0.1969
0.2028
E2
3.400
3.450
3.500
0.1339
0.1358
0.1378
e
—
0.500
—
—
0.0197
—
L
0.300
0.400
0.500
0.0118
0.0157
0.0197
ddd
—
—
0.080
—
—
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com