Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AFP528A Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM8AFP528A
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AFP528A Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM8AFP528A Datasheet HTML 34Page - STMicroelectronics STM8AFP528A Datasheet HTML 35Page - STMicroelectronics STM8AFP528A Datasheet HTML 36Page - STMicroelectronics STM8AFP528A Datasheet HTML 37Page - STMicroelectronics STM8AFP528A Datasheet HTML 38Page - STMicroelectronics STM8AFP528A Datasheet HTML 39Page - STMicroelectronics STM8AFP528A Datasheet HTML 40Page - STMicroelectronics STM8AFP528A Datasheet HTML 41Page - STMicroelectronics STM8AFP528A Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 114 page
background image
Pinouts and pin description
STM8AF52/62xx, STM8AF51/61xx
38/114
DocID14395 Rev 10
71
-
-
-
-
PI6
I/O X
X—
— O1
X
X
Port I6
——
72
-
-
-
-
PI7
I/O X
X—
— O1
X
X
Port I7
——
73 57 41 25 25 PD0/TIM3_CH2 I/O X
X
X
HS O3
X
X
Port D0
Timer 3 -
channel 2
TIM1_BKIN
[AFR3]/
CLK_CCO
[AFR2]
74 58 42 26 26
PD1/SWIM(4)
I/O X
X
XHS O4
X
X
Port D1
SWIM data
interface
—
75 59 43 27 27 PD2/TIM3_CH1 I/O X
X
X
HS O3
X
X
Port D2
Timer 3 -
channel 1
TIM2_CH3
[AFR1]
76 60 44 28 28 PD3/TIM2_CH2 I/O X
X
X
HS O3
X
X
Port D3
Timer 2 -
channel 2
ADC_ETR
[AFR0]
77 61 45 29 29
PD4/TIM2_CH1/
BEEP
I/O X
X
X
HS O3
X
X
Port D4
Timer 2 -
channel 1
BEEP
output
[AFR7]
78 62 46 30 30
PD5/
LINUART_TX
I/O X
XX
— O1
X
X
Port D5
LINUART
data
transmit
—
79 63 47 31 31
PD6/
LINUART_RX
I/O X
XX
— O1
X
X
Port D6
LINUART
data
receive
—
80 64 48 32 32
PD7/TLI(5)
I/O X
XX
— O1
X
X
Port D7
Top level
interrupt
—
1. In Halt/Active-halt mode, this pin behaves as follows:
- The input/output path is disabled.
- If the HSE clock is used for wakeup, the internal weak pull-up is disabled.
- If the HSE clock is off, the internal weak pull-up setting is used. It is configured through Px_CR1[7:0] bits of the
corresponding port control register. Px_CR1[7:0] bits must be set correctly to ensure that the pin is not left floating in
Halt/Active-halt mode.
2. SPI is not available in STM8AF5286UC, refer to Figure 7: STM8AF5286UC VFQFPN32 32-pin pinout for the pin names.
3. In the open-drain output column, ‘T’ defines a true open-drain I/O (P-buffer, week pull-up and protection diode to VDD are
not implemented)
4. The PD1 pin is in input pull-up during the reset phase and after reset release.
5. If this pin is configured as interrupt pin, it will trigger the TLI.
Table 13. STM8A microcontroller family pin description (continued)
Pin number
Pin name
Input
Output
Main
function
(after
reset)
Default
alternate
function
Alternate
function
after remap
[option bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com