Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L152C8T6 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32L152C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152C8T6 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32L152C8T6 Datasheet HTML 57Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 58Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 59Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 60Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 61Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 62Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 63Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 64Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 131 page
background image
DocID17659 Rev 9
61/131
STM32L151x6/8/B, STM32L152x6/8/B
Electrical characteristics
105
Table 20. Current consumption in Low power run mode
Symbol
Parameter
Conditions
Typ
Max
(1)
Unit
IDD (LP
Run)
Supply
current in
Low power
run mode
All
peripherals
OFF, code
executed
from RAM,
Flash
switched
OFF, VDD
from 1.65 V
to 3.6 V
MSI clock, 65 kHz
fHCLK = 32 kHz
TA = -40 °C to 25 °C
9
12
µA
TA = 85 °C
17.5
24
TA = 105 °C
31
46
MSI clock, 65 kHz
fHCLK = 65 kHz
TA = -40 °C to 25 °C
14
17
TA = 85 °C
22
29
TA = 105 °C
35
51
MSI clock, 131 kHz
fHCLK = 131 kHz
TA = -40 °C to 25 °C
37
42
TA = 55 °C
37
42
TA = 85 °C
37
42
TA = 105 °C
48
65
All
peripherals
OFF, code
executed
from Flash,
VDD from
1.65 V to
3.6 V
MSI clock, 65 kHz
fHCLK = 32 kHz
TA = -40 °C to 25 °C
24
32
TA = 85 °C
33
42
TA = 105 °C
48
64
MSI clock, 65 kHz
fHCLK = 65 kHz
TA = -40 °C to 25 °C
31
40
TA = 85 °C
40
48
TA = 105 °C
54
70
MSI clock, 131 kHz
fHCLK = 131 kHz
TA = -40 °C to 25 °C
48
58
TA = 55 °C
54
63
TA = 85 °C
56
65
TA = 105 °C
70
90
IDD Max
(LP
Run)(2)
Max allowed
current in
Low power
run mode
VDD from
1.65 V to
3.6 V
-
-
-
200
1. Based on characterization, not tested in production, unless otherwise specified.
2. This limitation is related to the consumption of the CPU core and the peripherals that are powered by the regulator.
Consumption of the I/Os is not included in this limitation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com