Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L152C8T6 Datasheet(PDF) 85 Page - STMicroelectronics

Part # STM32L152C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152C8T6 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM32L152C8T6 Datasheet HTML 81Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 82Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 83Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 84Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 85Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 86Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 87Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 88Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 131 page
background image
DocID17659 Rev 9
85/131
STM32L151x6/8/B, STM32L152x6/8/B
Electrical characteristics
105
Figure 19. I/O AC characteristics definition
6.3.14
NRST pin characteristics
The NRST pin input driver uses CMOS technology. It is connected to a permanent pull-up
resistor, RPU (see Table 45).
Unless otherwise specified, the parameters given in Table 45 are derived from tests
performed under ambient temperature and VDD supply voltage conditions summarized in
Table 13.
11
Fmax(IO)out Maximum frequency(3)
CL = 50 pF, VDD = 2.7
V to 3.6 V
-50
MHz
CL = 50 pF, VDD =
1.65 V to 2.7 V
-8
tf(IO)out
tr(IO)out
Output rise and fall time
CL = 30 pF, VDD = 2.7
V to 3.6 V
-5
ns
CL = 50 pF, VDD =
1.65 V to 2.7 V
-30
-tEXTIpw
Pulse width of external
signals detected by the
EXTI controller
-8
-
1. The I/O speed is configured using the OSPEEDRx[1:0] bits. Refer to the STM32L15xxx reference manual
for a description of GPIO Port configuration register.
2. Guaranteed by design. Not tested in production.
3. The maximum frequency is defined in Figure 19.
Table 44. I/O AC characteristics(1) (continued)
OSPEEDRx
[1:0] bit
value(1)
Symbol
Parameter
Conditions
Min
Max(2) Unit
ai14131b
10%
90%
50%
tr( IO)out
External
Output
on 50pF
Maximum frequency is achieved if (tr + tf) ≤ 2/3)T and if the duty cycle is (45-55%)
10%
50%
90%
when loaded by 50 pF
T
tf(IO)out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com