Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151CB Datasheet(PDF) 129 Page - STMicroelectronics

Part # STM32L151CB
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151CB Datasheet(HTML) 129 Page - STMicroelectronics

Back Button STM32L151CB Datasheet HTML 123Page - STMicroelectronics STM32L151CB Datasheet HTML 124Page - STMicroelectronics STM32L151CB Datasheet HTML 125Page - STMicroelectronics STM32L151CB Datasheet HTML 126Page - STMicroelectronics STM32L151CB Datasheet HTML 127Page - STMicroelectronics STM32L151CB Datasheet HTML 128Page - STMicroelectronics STM32L151CB Datasheet HTML 129Page - STMicroelectronics STM32L151CB Datasheet HTML 130Page - STMicroelectronics STM32L151CB Datasheet HTML 131Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 129 / 131 page
background image
DocID17659 Rev 9
129/131
STM32L151x6/8/B, STM32L152x6/8/B
Revision history
130
12-Nov-2013
9
Changed voltage Range 1 minimum to 1.71 V and updated dynamic
voltage scaling range in Table 3: Functionalities depending on the
operating power supply range
Updated LCD and ADC features in Table 2: Ultralow power
STM32L15xxx device features and peripheral counts.
Updated Table 3: Functionalities depending on the operating power
supply range.
Updated Table 5: Working mode-dependent functionalities (from
Run/active down to standby).
Updated Figure 3: STM32L15xVx UFBGA100 ballout
Added Table 7: Legend/abbreviations used in the pinout table.
Updated Table 8: STM32L15xxx pin definitions
Updated Figure 10: Pin loading conditions and Figure 11: Pin input
voltage. Updated Figure 12: Power supply scheme.
Replaced “Σ” by “σ” in Section 6.1.1 and Section 6.1.2.
Updated Table 10: Voltage characteristics.
Updated Table 13: General operating conditions.
Added Section 6.1.7: Optional LCD power supply scheme.
Updated Table 16: Embedded internal reference voltage.
Added this Note in Section : High-speed external clock generated
from a crystal/ceramic resonator
Updated Section : Functional susceptibility to I/O current injection.
This Section 6.3.5: Wakeup time from Low power mode was
previously a paragraph in Section 6.3.4: Supply current
characteristics.
Updated fHSE conditions in Table 17: Current consumption in Run
mode, code with data processing running from Flash and Table 18:
Current consumption in Run mode, code with data processing
running from RAM. Fixed IDD unit in Table 23: Typical and
maximum current consumptions in Standby mode.
This Figure 15: High-speed external clock source AC timing
diagram was moved up (was previously after Figure 16: Low-speed
external clock source AC timing diagram.
Updated first sentence in Section 6.3.14: NRST pin characteristics.
Updated Table 25: Low-power mode wakeup timings title.
Updated Table 26: High-speed external user clock characteristics
Updated Table 28: HSE oscillator characteristics and Table 29: LSE
oscillator characteristics (fLSE = 32.768 kHz).
Updated Section 6.3.11: Electrical sensitivity characteristics title.
Updated Table 39: ESD absolute maximum ratings.
Updated Table 41: I/O current injection susceptibility and Table 42:
I/O static characteristics.
Updated Figure 21: I2C bus AC waveforms and measurement
circuit.
Removed any occurrence of “when 8 pins are sourced at same
time” in Table 43: Output voltage characteristics.
Updated section link in second paragraph of Section 6.3.15: TIM
timer characteristics.
Table 71. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com