Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6519 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM6519
Description  4-pin Smart Reset?
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6519 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM6519 Datasheet HTML 10Page - STMicroelectronics STM6519 Datasheet HTML 11Page - STMicroelectronics STM6519 Datasheet HTML 12Page - STMicroelectronics STM6519 Datasheet HTML 13Page - STMicroelectronics STM6519 Datasheet HTML 14Page - STMicroelectronics STM6519 Datasheet HTML 15Page - STMicroelectronics STM6519 Datasheet HTML 16Page - STMicroelectronics STM6519 Datasheet HTML 17Page - STMicroelectronics STM6519 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Maximum ratings
STM6519
14/25
Doc ID 022111 Rev 6
7
Maximum ratings
Stressing the device above the rating listed in Table 2: Absolute maximum ratings may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in Table 3: Operating and
measurement conditions of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability. Refer also to the
STMicroelectronics™ SURE program and other relevant quality documents.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TSTG
Storage temperature (VCC off)
-55 to +150
°C
TSLD
(1)
1.
Reflow at peak temperature of 260 °C. The time above 255 °C must not exceed 30 seconds.
Lead solder temperature for 10 seconds
260
°C
VIO
Input or output voltage
-0.3 to 5.5
V
VCC
Supply voltage
-0.3 to 7
V
ESD
VHBM
Electrostatic discharge protection, human body model (JESD22-
A114-B level 2)
2kV
VRCDM
Electrostatic discharge protection, charged device model, all pins
1
kV
VMM
Electrostatic discharge protection, machine model, all pins
(JESD22-A115-A level A)
200
V
Latch-up (VCC pin, SR reset input pin)
EIA/JESD78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com