Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6519 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM6519
Description  4-pin Smart Reset?
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6519 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM6519 Datasheet HTML 17Page - STMicroelectronics STM6519 Datasheet HTML 18Page - STMicroelectronics STM6519 Datasheet HTML 19Page - STMicroelectronics STM6519 Datasheet HTML 20Page - STMicroelectronics STM6519 Datasheet HTML 21Page - STMicroelectronics STM6519 Datasheet HTML 22Page - STMicroelectronics STM6519 Datasheet HTML 23Page - STMicroelectronics STM6519 Datasheet HTML 24Page - STMicroelectronics STM6519 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Part numbering
STM6519
22/25
Doc ID 022111 Rev 6
11
Part numbering
Table 7.
Ordering information scheme
Example:
STM6519
A
H
A
R
UB
6
F
Device type
STM6519
Reset (VCC monitoring threshold) voltage VRST
A = no VCC monitoring feature
Smart Reset setup delay (tSRC)
(1)
1.
Smart Reset delay (tSRC) is available from 0.5 s to 10 s in 0.5 s steps (typ.). Minimum order quantities may apply. Contact
local sales office for availability.
C = factory programmable tSRC = 1.5 s (typ.)
H = factory programmable tSRC = 4.0 s (typ.)
L = factory programmable tSRC = 6.0 s (typ.)
P = factory programmable tSRC = 7.5 s (typ.)
U = factory programmable tSRC = 10.0 s (typ.)
Inputs, outputs type(2)
2.
Push-pull reset output type also available (active-low or active-high). SR input and open drain reset output available with
optional pull-up resistor. Minimum order quantities may apply. Contact local sales office for availability.
A = active-low SR input with no pull-up,
active-low open drain RST output with no pull-up
B = active-low SR input with pull-up,
active-low open drain RST output with no pull-up
Reset timeout period (tREC)
A = factory programmable tREC = 210 ms (typ.)
B = factory programmable tREC = 360 ms (typ.)
E = factory programmable tREC = 1.28 ms (typ.)
F = factory programmable tREC = 100 ms (typ.)
R = push-button controlled (no defined tREC)
Package
UC = UDFN-4L
UB = UDFN-6L
Temperature range
6 = -40 °C to +85 °C
Shipping method
F = tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com