Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16CP05 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP16CP05
Description  Low voltage 16-bit constant current LED sink driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CP05 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP16CP05 Datasheet HTML 3Page - STMicroelectronics STP16CP05 Datasheet HTML 4Page - STMicroelectronics STP16CP05 Datasheet HTML 5Page - STMicroelectronics STP16CP05 Datasheet HTML 6Page - STMicroelectronics STP16CP05 Datasheet HTML 7Page - STMicroelectronics STP16CP05 Datasheet HTML 8Page - STMicroelectronics STP16CP05 Datasheet HTML 9Page - STMicroelectronics STP16CP05 Datasheet HTML 10Page - STMicroelectronics STP16CP05 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
STP16CP05
Electrical characteristics
Doc ID 12568 Rev 10
7/27
VDD = 5 V, T = 25 °C, unless otherwise specified
Table 8.
Switching characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tPLH1
Propagation delay time,
CLK-OUTn, LE/DM1 = H,
OE/DM2 = L
VIH = VDD
VIL = GND
CL = 10 pF
IO = 20 mA
VL = 3.0 V
REXT = 1 KΩ
RL = 60 Ω
VDD = 3.3 V
-
45
74
ns
VDD = 5 V
-
24
38
tPLH2
Propagation delay time,
LE/DM1-OUTn, OE/DM2 = L
VDD = 3.3 V
-
48
77
ns
VDD = 5 V
-
27
46
tPLH3
Propagation delay time,
OE/DM2-OUTn, LE/DM1 =
H
VDD = 3.3 V
-
75
128
ns
VDD = 5 V
-
43
64
tPLH
Propagation delay time,
CLK-SDO
VDD = 3.3 V
-
19
28
ns
VDD = 5 V
-
11
16.5
tPHL1
Propagation delay time,
CLK-OUTn, LE/DM1 = H,
OE/DM2 = L
VDD = 3.3 V
-
15
23
ns
VDD = 5 V
-
10
14
tPHL2
Propagation delay time,
LE/DM1-OUTn, OE/DM2 = L
VDD = 3.3 V
-
13
18.5
ns
VDD = 5 V
-
9
12
tPHL3
Propagation delay time,
OE/DM2-OUTn, LE/DM1 =
H
VDD = 3.3 V
-
17
24.5
ns
VDD = 5 V
-
14
19.5
tPHL
Propagation delay time,
CLK-SDO
VDD = 3.3 V
-
23
35
ns
VDD = 5 V
-
14
21
tON
Output rise time
10~90% of voltage
waveform
VDD = 3.3 V
-
35
68
ns
VDD = 5 V
-
21
31.5
tOFF
Output fall time
90~10% of voltage
waveform
VDD = 3.3 V
-
10.5
15
ns
VDD = 5 V
-
11
15.5
tr
CLK rise time (1)
-
5000
ns
tf
CLK fall time (1)
-
5000
ns
1.
In order to achieve high cascade data transfer, please consider tr/tf timings carefully.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com