Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16CP05 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STP16CP05
Description  Low voltage 16-bit constant current LED sink driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CP05 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STP16CP05 Datasheet HTML 13Page - STMicroelectronics STP16CP05 Datasheet HTML 14Page - STMicroelectronics STP16CP05 Datasheet HTML 15Page - STMicroelectronics STP16CP05 Datasheet HTML 16Page - STMicroelectronics STP16CP05 Datasheet HTML 17Page - STMicroelectronics STP16CP05 Datasheet HTML 18Page - STMicroelectronics STP16CP05 Datasheet HTML 19Page - STMicroelectronics STP16CP05 Datasheet HTML 20Page - STMicroelectronics STP16CP05 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
STP16CP05
Test circuit
Doc ID 12568 Rev 10
17/27
Figure 18.
Typical application schematic
Note:
VL will be determined by the VF of the LEDs
Test condition: Temp. = 25 °C, VDD = 3.0 V, VIN = VDD, CL = 10 pF, Freq. = 1 MHz,
Ch1 = OE/DM2, Ch2 = SDI, Ch3 = VOUT, Ch4 = IOUT
STP16CP05
C = 10
μF
+
Figure 19.
Turn ON output current setup
Figure 20.
Turn OFF output current setup
CLK
SDO
SDI
OE
Voutn
Ioutn
Ton
SDI
CLK
SDO
SDI
OE
Voutn
Ioutn
Toff
SDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com