Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBL293 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LBL293
Description  Version 1.0 (Replacement in due course)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBL293 Datasheet(HTML) 5 Page - OSRAM GmbH

  LBL293 Datasheet HTML 1Page - OSRAM GmbH LBL293 Datasheet HTML 2Page - OSRAM GmbH LBL293 Datasheet HTML 3Page - OSRAM GmbH LBL293 Datasheet HTML 4Page - OSRAM GmbH LBL293 Datasheet HTML 5Page - OSRAM GmbH LBL293 Datasheet HTML 6Page - OSRAM GmbH LBL293 Datasheet HTML 7Page - OSRAM GmbH LBL293 Datasheet HTML 8Page - OSRAM GmbH LBL293 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Version 1.0 (Replacement in due course)
LB L293
2012-10-01
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 4) page 20
Durchlassspannungsgruppe 4) Seite 20
Group
Luminous Intensity
1) page 20
Luminous Intensity
1) page 20
Luminous Flux 7) page 20
Gruppe
Lichtstärke 1) Seite 20
Lichtstärke 1) Seite 20
Lichtstrom 7) Seite 20
(min.) Iv [mcd]
(max.) Iv [mcd]
(typ.) ΦV [mlm]
L2
14
18
64
M1
18
22.4
81
M2
22.4
28
101
N1
28
35.5
127
N2
35.5
45
161
P1
45
56
202
Note:
The standard shipping format for serial types includes either a lower family group, an upper family group or a grouping of all individual brightness groups
of only a few brightness groups. Individual brightness groups cannot be ordered.
Anm.:
Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere Familiengruppe oder eine Sammelgruppe, die aus
nur wenigen Helligkeitsgruppen bestehen. Einzelne Helligkeitsgruppen sind nicht bestellbar.
Group
Gruppe
(min.) VF [V]
(max.) VF [V]
3B
2.75
2.90
4A
2.90
3.05
4B
3.05
3.20
5A
3.20
3.35
5B
3.35
3.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com