Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBL293 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LBL293
Description  Version 1.0 (Replacement in due course)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBL293 Datasheet(HTML) 1 Page - OSRAM GmbH

  LBL293 Datasheet HTML 1Page - OSRAM GmbH LBL293 Datasheet HTML 2Page - OSRAM GmbH LBL293 Datasheet HTML 3Page - OSRAM GmbH LBL293 Datasheet HTML 4Page - OSRAM GmbH LBL293 Datasheet HTML 5Page - OSRAM GmbH LBL293 Datasheet HTML 6Page - OSRAM GmbH LBL293 Datasheet HTML 7Page - OSRAM GmbH LBL293 Datasheet HTML 8Page - OSRAM GmbH LBL293 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2012-10-01
1
2012-10-01
SMARTLED
Datasheet
Version 1.0 (Replacement in due course)
LB L293
Features:
Besondere Merkmale:
• Package: SMT package 0603, colorless diffused
resin
• Gehäusetyp: SMT Gehäuse 0603, farbloser
diffuser Verguss
• Technology: InGaN
• Technologie: InGaN
• Viewing angle at 50 % IV: 155° (horizontal); 135°
(vertical)
• Abstrahlwinkel bei 50 % IV: 155° (horizontal);
135° (vertical)
• Color: blue (470 nm)
• Farbe: blau (470 nm)
• Optical efficiency (typ.): 2.5 lm/W (blue)
• Optischer Wirkungsgrad (typ.): 2.5 lm/W (blau)
• ESD - withstand voltage: 2 kV acc. to
JESD22-A114-F
• ESD - Festigkeit: 2 kV nach JESD22-A114-F
Applications
Anwendungen
• LCD Backlighting
• LCD Beleuchtung
•Toys
• Spielsachen
• Signal and Symbol Luminary
• Signal- und Symbolleuchten
• Outdoor displays
• Informationsanzeigen im Außenbereich


Similar Part No. - LBL293

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBL29G OSRAM-LBL29G Datasheet
234Kb / 15P
SmartLED짰 0603 Enhanced Optical Power LED (ThinGaN짰) Lead (Pb) Free Product - RoHS Compliant
LBL29G-P2R1-35-1 OSRAM-LBL29G-P2R1-35-1 Datasheet
234Kb / 15P
SmartLED짰 0603 Enhanced Optical Power LED (ThinGaN짰) Lead (Pb) Free Product - RoHS Compliant
LBL29S OSRAM-LBL29S Datasheet
429Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LBL293

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DDRSDRAM1111 SAMSUNG-DDRSDRAM1111 Datasheet
669Kb / 53P
DDR SDRAM Specification Version 1.0
logo
Vishay Siliconix
SC300 VISHAY-SC300 Datasheet
100Kb / 1P
Strain Measuring Systems Short Course
19-Nov-03
logo
OSRAM GmbH
Q65110A1746 OSRAM-Q65110A1746 Datasheet
386Kb / 20P
Version 1.0 (Replacement in due course)
LGL29K-G2J1-24-Z OSRAM-LGL29K-G2J1-24-Z Datasheet
386Kb / 20P
Version 1.0 (Replacement in due course)
LCG-H9RN-MXNX-1 OSRAM-LCG-H9RN-MXNX-1 Datasheet
1Mb / 23P
OSRAM OSTAR Projection Cube Datasheet Version 1.0
Q65110A1791 OSRAM-Q65110A1791 Datasheet
396Kb / 21P
Replacement in due course
logo
Molex Electronics Ltd.
130112-0126 MOLEX11-130112-0126 Datasheet
31Kb / 1P
In-line Replacement Transformer
logo
IXYS Corporation
CPC7691 IXYS-CPC7691 Datasheet
266Kb / 16P
Drop-In Replacement for CPC7591
CPC7692 IXYS-CPC7692 Datasheet
281Kb / 18P
Drop-in replacement for CPC7592
logo
Silicon Laboratories
1211201 SILABS-1211201 Datasheet
203Kb / 4P
Version 1.0 of the SiM3U1xx
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com