Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH50W06SW Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH50W06SW
Description  Turbo 2 ultrafast high voltage rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH50W06SW Datasheet(HTML) 3 Page - STMicroelectronics

  STTH50W06SW Datasheet HTML 1Page - STMicroelectronics STTH50W06SW Datasheet HTML 2Page - STMicroelectronics STTH50W06SW Datasheet HTML 3Page - STMicroelectronics STTH50W06SW Datasheet HTML 4Page - STMicroelectronics STTH50W06SW Datasheet HTML 5Page - STMicroelectronics STTH50W06SW Datasheet HTML 6Page - STMicroelectronics STTH50W06SW Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STTH50W06S
Characteristics
Doc ID 023618 Rev 1
3/7
Figure 1.
Average forward power dissipation
versus average forward current
Figure 2.
Forward voltage drop versus
forward current
P
(W)
F(AV)
0
20
40
60
80
100
120
0
1020
30
40506070
= tp/T
tp
T
δ
IF(AV)(A)
δ = 1
δ = 0.5
δ = 0.2
δ1
= 0.
δ = 0.05
I
FM(A)
0.1
1.0
10.0
100.0
1000.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Tj=150°C
(Maximum values)
Tj=150 °C
(Typical values)
Tj=25 °C
(Maximum values)
VFM(V)
Figure 3.
Relative variation of thermal
impedance junction to case versus
pulse duration
Figure 4.
Peak reverse recovery current
versus dIF/dt (typical values)
Zth(j-c)/Rth(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
tp(s)
IRM(A)
0
5
10
15
20
25
30
35
0
50
100
150
200
250
300
350
400
450
500
IF=IF(AV)
VR=400 V
Tj=125 °C
dIF/dt(A/µs)
Figure 5.
Reverse recovery time versus dIF/dt
(typical values)
Figure 6.
Reverse recovery charges versus
dIF/dt (typical values)
trr(ns)
0
20
40
60
80
100
120
140
160
180
0
50
100
150
200
250
300
350
400
450
500
IF=IF(AV)
VR=400 V
Tj=125 °C
dIF/dt(A/µs)
QRR(nC)
0
200
400
600
800
1000
1200
1400
1600
0
50
100
150
200
250
300
350
400
450
500
dIF/dt(A/µs)
IF=IF(AV)
VR=400 V
Tj=125 °C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com