Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH50W06SW Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH50W06SW
Description  Turbo 2 ultrafast high voltage rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH50W06SW Datasheet(HTML) 4 Page - STMicroelectronics

  STTH50W06SW Datasheet HTML 1Page - STMicroelectronics STTH50W06SW Datasheet HTML 2Page - STMicroelectronics STTH50W06SW Datasheet HTML 3Page - STMicroelectronics STTH50W06SW Datasheet HTML 4Page - STMicroelectronics STTH50W06SW Datasheet HTML 5Page - STMicroelectronics STTH50W06SW Datasheet HTML 6Page - STMicroelectronics STTH50W06SW Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
STTH50W06S
4/7
Doc ID 023618 Rev 1
Figure 11.
Junction capacitance versus reverse voltage applied (typical values)
Figure 7.
Reverse recovery softness factor
versus dIF/dt (typical values)
Figure 8.
Relative variation of dynamic
parameters versus junction
temperature
S factor
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
50
100
150
200
250
300
350
400
450
500
IF=IF(AV)
VR=400 V
Tj=125 °C
dIF/dt(A/µs)
Tj(°C)
0.0
0.5
1.0
1.5
2.0
2.5
25
50
75
100
125
IF=IF(AV)
VR=400 V
Reference: Tj=125 °C
IRM
SFACTOR
QRR
Figure 9.
Transient peak forward voltage
versus dIF/dt (typical values)
Figure 10.
Forward recovery time versus dIF/dt
(typical values)
VFP(V)
0.0
1.0
2.0
3.0
4.0
5.0
200
250
300
350
400
450
500
IF=IF(AV)
Tj=125 °C
dIF/dt(A/µs)
tfr(ns)
0
40
80
120
160
200
200
250
300
350
400
450
500
IF=IF(AV)
VFR=1.8 V
Tj=125 °C
dIF/dt(A/µs)
C(pF)
10
100
1000
1
10
100
1000
F=1 MHz
VOSC=30 mVRMS
Tj=25 °C
VR(V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com