Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEA50F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LEA50F
Description  Harmonic attenuator, PFC (Complies with IEC61000-3-2)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEA50F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LEA50F Datasheet HTML 1Page - List of Unclassifed Manufacturers LEA50F Datasheet HTML 2Page - List of Unclassifed Manufacturers LEA50F Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL
LEA50F-3R3-Y LEA50F-5
LEA50F-9
LEA50F-12 LEA50F-15 LEA50F-18 LEA50F-24 LEA50F-24-H LEA50F-30 LEA50F-48
MAX OUTPUT WATTAGE[W]
33
50
50.4
51.6
52.5
50.4
50.4
50.4
51
52.8
DC OUTPUT
*5 3.3V 10A
5V 10A
9V 5.6A
12V 4.3A
15V 3.5A
18V 2.8A
24V 2.1A
24V 2.1(2.6)A 30V 1.7A
48V 1.1A
SPECIFICATIONS
MODEL
LEA50F-3R3-Y LEA50F-5
LEA50F-9
LEA50F-12 LEA50F-15 LEA50F-18 LEA50F-24 LEA50F-24-H LEA50F-30 LEA50F-48
INPUT
VOLTAGE[V]
AC85 - 264 1
f or DC120 - 370
CURRENT[A]
ACIN 100V 0.6
0.7typ
ACIN 200V 0.3
0.35typ
FREQUENCY[Hz]
50/60 (47-63) or DC
EFFICIENCY[%]
ACIN 100V 70typ
75typ
78typ
78typ
79typ
80typ
81typ
81typ
82typ
83typ
ACIN 200V 71typ
77typ
80typ
80typ
81typ
82typ
83typ
83typ
84typ
85typ
POWER FACTOR
ACIN 100V 0.98typ
0.99typ
ACIN 200V 0.91typ
0.93typ
INRUSH CURRENT[A]
ACIN 100V 15typ (Io=100%)(At cold start)(Ta=25
C)
ACIN 200V 30typ (Io=100%)(At cold start)(Ta=25
C)
LEAKAGE CURRENT[mA]
0.75max (60Hz, According to IEC60950 and DEN-AN)
OUTPUT
VOLTAGE[V]
3.3
5
9
12
15
18
24
24
30
48
CURRENT[A]
*1 10
10
5.6
4.3
3.5
2.8
2.1
2.1 (Peak 2.6)
1.7
1.1
LINE REGULATION[mV]
20max
20max
36max
48max
60max
72max
96max
96max
120max
192max
LOAD REGULATION[mV]
40max
40max
100max
100max
120max
120max
150max
150max
180max
300max
RIPPLE[mVp-p]
0to+50
C*2 80max
80max
120max
120max
120max
120max
120max
120max
120max
150max
-10-0
C*2 140max
140max
160max
160max
160max
160max
160max
160max
160max
200max
RIPPLE NOISE[mVp-p]
0to+50
C*2 120max
120max
150max
150max
150max
150max
150max
150max
150max
350max
-10-0
C*2 160max
160max
180max
180max
180max
180max
180max
180max
180max
400max
TEMPERATURE REGULATION[mV]
0to+50
C 50max
50max
90max
120max
150max
180max
240max
240max
300max
480max
-10 to +50
C 60max
60max
120max
150max
180max
200max
290max
290max
360max
600max
DRIFT[mV]
*3 20max
20max
36max
48max
60max
72max
96max
96max
120max
192max
START-UP TIME[ms]
500max (ACIN 100V, Io=100%)
HOLD-UP TIME[ms]
20typ (Io=100%)
OUTPUT VOLTAGE ADJUSTMENT RANGE[V]
2.85 - 3.6
Fixed ("Y"which can be adjusted the output is available as optional:
t10%)
OUTPUT VOLTAGE SETTING[V]
3.25 - 3.35
4.9 - 5.3
8.6 - 9.4
11.5 - 12.5
14.4 - 15.6
17.3 - 18.7
23.0 - 25.0
23.0 - 25.0
28.5 - 31.5
46.0 - 50.0
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION
Works over 105% of rating (works over 105% of peak current at option -H) and recovers automatically
OVERVOLTAGE PROTECTION
4.00 - 5.25V Works at 115 - 140% of rating
OPERATING INDICATION
Not provided
REMOTE SENSING
Not provided
REMOTE ON/OFF
Option (Refer to Instruction Manual)
ISOLATION
INPUT-OUTPUT
-RC
*4 AC3,000V 1minute, Cutoff current = 10mA, DC500V 50M
W min (At Room Temperature)
INPUT-FG
AC2,000V 1minute, Cutoff current = 10mA, DC500V 50M
W min (At Room Temperature)
OUTPUT
-RC-FG
*4 AC500V 1minute, Cutoff current = 100mA, DC500V 50M
W min (At Room Temperature)
OUTPUT-RC
*4 AC100V 1minute, Cutoff current = 100mA, DC100V 10M
W min (At Room Temperature)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE
-10 to +70
C, 20 - 90%RH (Non condensing)(Refer to DERATING CURVE), 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE
-20 to +75
C, 20 - 90%RH (Non condensing), 9,000m (30,000feet) max
VIBRATION
10 - 55Hz, 19.6m/s2 (2G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once each X, Y and Z axis
SAFETY AND
NOISE
REGULATIONS
AGENCY APPROVALS
UL60950-1, C-UL, EN60950-1, EN50178 Complies with DEN-AN and IEC60950-1 (At only AC input)
CONDUCTED NOISE
Complies with FCC-B, CISPR22-B, EN55022-B, VCCI-B
HARMONIC ATTENUATOR
Complies with IEC61000-3-2
OTHERS
CASE SIZE/WEIGHT
55
X26X195mm (WXHXD) /210g max (without chassis and cover)
COOLING METHOD
Convection
*1 Peak load for 10sec. or less is acceptable if the total wattage is less than the rated wattage.
*2 This is the value that measured on measuring board with capacitor of 22mF within 150mm
from output terminal.
Measured by 20MHz oscilloscope or Ripple-Noise meter (Equivalent to KEISOKU-GIKEN:
RM101).
*3 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C,
with the input voltage held constant at the rated input/output.
*4 Applicable when remote control (optional) is added.
*5 ( ):peak current.
* Parallel operation with other model is not possible.
* Derating is required when operated with chassis and cover.
LEA50F
Rugged PCB type
LEA
50
F
-5
-
O
Ordering information
1Series name
2Output wattage
3Universal input
4Output voltage
5Optional
C :with Coating
G :Low leakage current
J2:Mini terminal block
R :with Remote ON/OFF
S :with Chassis
SN :with Chassis & cover
Y :with Potentiometer
R
12345
LEA
E-18
Recommended Noise Filter
NAC-06-472
High voltage pulse noise type : NAP series
Low leakage current type : NAM series
*The Noise Filter is recommended
*to connect with several devices.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com