Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEA50F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LEA50F
Description  Harmonic attenuator, PFC (Complies with IEC61000-3-2)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEA50F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LEA50F Datasheet HTML 1Page - List of Unclassifed Manufacturers LEA50F Datasheet HTML 2Page - List of Unclassifed Manufacturers LEA50F Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Home > Product Details
LEA50F
Model
Input
Voltage
[V]
Output
Wattage
[W]
DC
Output
[V/A]
LEA50F-3R3-
Y
DC 120 -
370
AC 85 - 264
33
3.3V
10A
LEA50F-5
DC 120 -
370
AC 85 - 264
50
5V
10A
LEA50F-9
DC 120 -
370
AC 85 - 264
50.4
9V
5.6A
LEA50F-12
DC 120 -
370
AC 85 - 264
51.6
12V
4.3A
LEA50F-15
DC 120 -
370
AC 85 - 264
52.5
15V
3.5A
LEA50F-18
DC 120 -
370
AC 85 - 264
50.4
18V
2.8A
LEA50F-24
DC 120 -
370
AC 85 - 264
50.4
24V
2.1A
LEA50F-24-H
DC 120 -
370
AC 85 - 264
50.4
24V
(peak 62.4V)
2.1A
(peak 2.6A)
LEA50F-30
DC 120 -
370
AC 85 - 264
51
30V
1.7A
LEA50F-48
DC 120 -
370
AC 85 - 264
52.8
48V
1.1A
Features
Harmonic attenuator, PFC (Complies with IEC61000-3-2)
Universal input (AC85-264V)
Remote ON/OFF Control (Optional)
Rugged PCB type
RoHS Compliant
Safety Agency Approvals
Complies with DEN-AN
UL1950, C-UL recognized, TUV approved
EMI Compliance
FCC-B
CISPR22-B
EN55022-B
VCCI-B
CE Markings
Low Voltage Directive
EMC Directive
EMC Compliance
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-8
EN61000-4-11
EN61000-3-2
2 year warranty(refer to Instruction Manual)


Similar Part No. - LEA50F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEA50F ETC2-LEA50F Datasheet
403Kb / 8P
MAX OUTPUT WATTAGE
LEA50F ETC2-LEA50F Datasheet
153Kb / 6P
Basic Characteristics Data
logo
RSG Electronic Componen...
LEA50F-12 RSG-LEA50F-12 Datasheet
403Kb / 8P
AC-DC Power Supplies Open Frame/Enclosed type
LEA50F-12 RSG-LEA50F-12 Datasheet
403Kb / 8P
AC-DC Power Supplies Open Frame/Enclosed type
LEA50F-15 RSG-LEA50F-15 Datasheet
403Kb / 8P
AC-DC Power Supplies Open Frame/Enclosed type
More results

Similar Description - LEA50F

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-HAM VICOR-VI-HAM Datasheet
162Kb / 6P
Harmonic Attenuator Modules
VI-HAM-EM VICOR-VI-HAM-EM Datasheet
223Kb / 6P
Harmonic Attenuator Modules
logo
HITRON ELECTRONICS CORP...
HEMP150G HITRON-HEMP150G Datasheet
54Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HEMP250G HITRON-HEMP250G Datasheet
84Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HIMP151 HITRON-HIMP151_11 Datasheet
997Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HVP300 HITRON-HVP300 Datasheet
131Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
logo
Monolithic Power System...
MP44011 MPS-MP44011 Datasheet
446Kb / 15P
Boundary-Mode PFC Controller with Harmonic Injection
logo
List of Unclassifed Man...
UAF500S-48 ETC2-UAF500S-48 Datasheet
169Kb / 3P
Harmonic attenuator, PFC (Complies with IEC61000-3-2)
FCA75F-24 ETC2-FCA75F-24 Datasheet
136Kb / 3P
Harmonic attenuator, PFC (Complies with IEC61000-3-2) High input voltage (AC187 - 528V)
logo
International Rectifier
IRAC1155-300W IRF-IRAC1155-300W Datasheet
454Kb / 16P
IEC61000-3-2 Class D Standards Compliant
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com