Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3587 Datasheet(PDF) 3 Page - NEC

Part # 2SC3587
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC3587 Datasheet(HTML) 3 Page - NEC

  2SC3587 Datasheet HTML 1Page - NEC 2SC3587 Datasheet HTML 2Page - NEC 2SC3587 Datasheet HTML 3Page - NEC 2SC3587 Datasheet HTML 4Page - NEC 2SC3587 Datasheet HTML 5Page - NEC 2SC3587 Datasheet HTML 6Page - NEC 2SC3587 Datasheet HTML 7Page - NEC 2SC3587 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
2SC3587
S PARAMETER
VCE = 6 V, IC = 10 mA, ZO = 50
Ω
f (MHz)
|S11|
∠S11
|S21|
∠S21
|S12|
∠S12
|S22|
∠S22
500
.466
-82.1
13.209
120.8
.0288
50.9
.634
-25.0
1000
.322
-123.8
8.371
95.7
.0424
54.2
.610
-29.4
1500
.271
-153.7
5.672
78.7
.0561
54.5
.579
-33.5
2000
.256
-176.6
4.304
66.9
.0697
54.1
.549
-38.7
2500
.262
167.3
3.456
58.6
.0848
51.9
.531
-46.2
3000
.270
152.0
3.095
46.1
.0955
48.0
.507
-52.8
3500
.294
142.0
2.595
35.0
.106
43.2
.498
-61.0
4000
.327
129.7
2.231
27.6
.127
35.2
.500
-68.4
INSERTION GAIN vs.
COLLECTOR CURRENT
NOISE FIGURE vs. COLLECTOR CURRENT
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
15
6
5
4
3
2
1
2
5
10
20
50
10
5
30
20
10
7
5
3
2
0
0.5
1
12
3
5
7
10
20
30
5
IC - Collector Current - mA
IC - Collector Current - mA
IC - Collector Current - mA
10
50 70
VCE = 6 V
VCE = 6 V
VCE = 6 V
f = 2 GHz
3 GHz
4 GHz
f = 4 GHz
f = 2 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com