Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3587 Datasheet(PDF) 4 Page - NEC

Part # 2SC3587
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC3587 Datasheet(HTML) 4 Page - NEC

  2SC3587 Datasheet HTML 1Page - NEC 2SC3587 Datasheet HTML 2Page - NEC 2SC3587 Datasheet HTML 3Page - NEC 2SC3587 Datasheet HTML 4Page - NEC 2SC3587 Datasheet HTML 5Page - NEC 2SC3587 Datasheet HTML 6Page - NEC 2SC3587 Datasheet HTML 7Page - NEC 2SC3587 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
2SC3587
S PARAMETER
90
100
110
120
130
0.18
0.32
0.17
0.33
0.16
0.34
0.15
0.35
0.14
0.36
0.13
0.37
0.12
0.35
0.11
0.39
0.10
0.40
0.09
0.41
0.08
0.42
0.07
0.43
50
60
70
80
0.1
50
20
10
5.0
4.0
3.0
0.2
0.4
0.6
0.8
1.0
0.2
0.4
0.6
0.8
RESTSTANCE COMPONENT
R
ZO
0.2
0.3
0.4
M
PO
N
EN
T
4 GHz
4 GHz
0.5 GHz
0.5 GHz
S11e
S22e
S11e, S22e
− FREQUENCY
VCE = 6 V
IC = 10 mA
500 MHz Step
S21
− FREQUENCY
0.5 GHz
90
°
120
°
150
°
60
°
30
°
0
°
10
4 GHz
180
°
−150°
−120°
−90°
−60°
−30°
VCE = 6 V
IC = 10 mA
500 MHz Step
S12
− FREQUENCY
90
°
120
°
150
°
60
°
30
°
0
°
180
°
−150°
−120°
−90°
−60°
−30°
VCE = 6 V
IC = 10 mA
500 MHz Step
5
0.1
0.05
4 GHz
0.5 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com