Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3604 Datasheet(PDF) 5 Page - NEC

Part # 2SC3604
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC3604 Datasheet(HTML) 5 Page - NEC

  2SC3604 Datasheet HTML 1Page - NEC 2SC3604 Datasheet HTML 2Page - NEC 2SC3604 Datasheet HTML 3Page - NEC 2SC3604 Datasheet HTML 4Page - NEC 2SC3604 Datasheet HTML 5Page - NEC 2SC3604 Datasheet HTML 6Page - NEC 2SC3604 Datasheet HTML 7Page - NEC 2SC3604 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
2SC3604
MARKING
Because the package of the micro X package transistor is too small to be marked, the following indication is
employed.
Part Number
Part Number
Marking
Part Number
Marking
2SC2148
A
2SC3603
0
2SC2149
B
2SC3604
2
2SC2150
C
2SC3587
1
2SC2367
H
2SC2585
K
2SC1223
D
Lot
Lot indication is colored as shown below.
The sequence black, brown, red, blue, and green, forms one cycle and this cycle is repeated.
1988
1989
1990
1991
1992
1993
1994
1995
1996
1
j Black
v
h
t
f
r
d
p
b
2k
w
i
u
g
s
e
q
c
3l
x
j
v
h
t
f
r
d
4m
y
k
w
i
u
g
s
e
5
n
zl
xj
v
h
t
f
6
o
a Brown
m
y
k
w
i
u
g
7p
b
n
z
l
x
j
v
h
8
q
c
o
a Red
m
y
k
w
i
9
r
dp
bn
z
l
x
j
10
s
e
q
c
o
a Blue
m
y
k
11
t
f
r
d
p
b
n
z
l
12
u
g
s
e
q
c
o
a Green
m
Month
Year
E
E
CB
Lot
Aa
Part number



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com