Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3604 Datasheet(PDF) 2 Page - NEC

Part # 2SC3604
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC3604 Datasheet(HTML) 2 Page - NEC

  2SC3604 Datasheet HTML 1Page - NEC 2SC3604 Datasheet HTML 2Page - NEC 2SC3604 Datasheet HTML 3Page - NEC 2SC3604 Datasheet HTML 4Page - NEC 2SC3604 Datasheet HTML 5Page - NEC 2SC3604 Datasheet HTML 6Page - NEC 2SC3604 Datasheet HTML 7Page - NEC 2SC3604 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
2SC3604
Note
Test block diagram
Noise Diode
Coax. SW
Coax. SW
Post Amp
Mixer
*
NF Meter
Network
Analyzer
Coax. SW
Stub
Tuner
Bias
Tee
Bias
Tee
Transistor
Under
Test
Sweeper
To test 1 GHz or lower, insert a bandpass filter.
*
TYPICAL CHARACTERISTICS (TA = 25
°°°°°C)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
MAG AND INSERTION GAIN vs.
FREQUENCY
REVERSE TRANSFER CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
DC CURRENT GAIN vs.
COLLECTOR CURRENT
0.8
0.6
0.4
0.2
0
3
200
100
50
20
10
2
1
0.7
0.5
0.3
0.2
0.1
12
3
5
VCB - Collector to Base Voltage -V
710
20
30
50
100
f = 1.0 MHz
TA - Ambient Temperature -
°C
150
0.1
−5
0
5
10
15
20
25
0.2
0.5
1
0.5
1
5
IC - Collector Current - mA
10
50
f - Frequency - GHz
25
10
200
with heat sink
Rth(j−e)
90
°C/W
VCE = 8 V
IC = 20 mA
VCE = 8 V
MAG
Rth(j−a)
590
°C/W
|S21e|2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com