Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVM4RTX Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVM4RTX
Description  Hi-Reliability Visible LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVM4RTX Datasheet(HTML) 2 Page - OPTEK Technologies

  OVM4RTX Datasheet HTML 1Page - OPTEK Technologies OVM4RTX Datasheet HTML 2Page - OPTEK Technologies OVM4RTX Datasheet HTML 3Page - OPTEK Technologies OVM4RTX Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.4
05/10
Page 2 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Absolute Maximum Ratings
TA = 25
o C unless otherwise noted
Electrical Characteristics
TA = 25
o C unless otherwise noted
Notes:
1.
All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2.
To designate luminous intensity ranks, please contact OPTEK.
3.
Pb content <1000 PPM.
Storage Temperature Range
-65° C to +150° C
Operating Temperature Range
-55° C to +100° C
Reverse Voltage
5 V
Continuous Forward Current2
100 mA
Peak Forward Current (10% Duty Cycle, 1 KHz)
1.6 A
Power Dissipation
370 mW
115° C
LED Junction Temperature
Lead Soldering Temperature (3mm from the case)1
260° C
Current Linearity vs. Ambient Temperature
-0.2 mA/° C
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Iv
Luminous Intensity
Blue
----
2260
----
mcd
IF = 20 mA
Green
----
6520
----
Red
----
3300
----
Yellow
----
2010
----
VF
Forward Voltage
Blue
----
2.60
2.95
V
IF = 20 mA
Green
----
2.60
2.95
Red
----
1.80
2.15
Yellow
----
1.80
2.15
λP
Peak Wavelength
Blue
----
463
----
nm
IF = 20 mA
Green
----
530
----
Red
----
630
----
Yellow
----
591
----
λD
Dominant Wavelength
Blue
460
465
470
nm
IF = 20 mA
Green
520
530
540
Red
619
624
629
Yellow
584
589
594
Δλ
Spectral Half Width
Blue
----
22
----
nm
IF = 20 mA
Green
----
35
----
Red
----
15
----
Yellow
----
18
----
2 Θ ½
50% Power Angle
----
18
----
deg
IF = 20 mA
Hi-Reliability Visible LED Lamp
OVM4x, OVM4xTX, OVM4xTXV
Notes:
1.
Solder time less than 5 seconds at temperature extreme.
2.
Design of heat dissipation should be considered.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com