Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVM4RTX Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OVM4RTX
Description  Hi-Reliability Visible LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVM4RTX Datasheet(HTML) 3 Page - OPTEK Technologies

  OVM4RTX Datasheet HTML 1Page - OPTEK Technologies OVM4RTX Datasheet HTML 2Page - OPTEK Technologies OVM4RTX Datasheet HTML 3Page - OPTEK Technologies OVM4RTX Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.4
05/10
Page 3 of 4
Typical Electro-Optical Characteristics Curves
Hi-Reliability Visible LED Lamp
OVM4x, OVM4xTX, OVM4xTXV
1.0
0.8
0.6
0.4
0.2
0.0
780
380
430
480
530
580
630
680
730
Wavelength (nm)
Input Current = 100 mA, TJ = 25° C
Wavelength Characteristics
Red
Yellow
Green
Blue
0
20
40
60
80
100
1.4 1.6 1.8
2
2.2 2.4 2.6 2.8
3
3.2 3.4 3.6
Vf (V)
Red
Yellow
Green
Blue
Forward Voltage vs Forward Current
Forward Voltage vs Temperature
1.5
2.0
2.5
3.0
3.5
4.0
-100
-50
0
50
100
150
200
Te m p e r a t ur e ( D e g . C
Red
Yellow
Green
Blue
0.1
1.0
10.0
-75
-50
-25
0
25
50
75
100
125
150
De g C
OVM4B
OVM4R
OVM4Y
OVM4G
Relative Intensity vs Temperature
TA = 25°C
IF = 20 mA
Spatial Intensity Distribution
Red
Yellow
Green
Blue
0
500
1000
1500
2000
2500
3000
3500
4000
0
20
406080
100
120
Intensity vs Forward Current
Forward Current (mA)
TJ = 25° C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com