Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-2201 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2201
Description  Very High CMR, Wide VCC Logic Gate Optocouplers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2201 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-2201 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Description
The HCPL-22XX, HCPL-02XX, and HCNW22XX are optical-
ly-coupled logic gates. The HCPL-22XX, and HCPL-02XX
contain a GaAsP LED while the HCNW22XX contains an
AlGaAs LED. The detectors have totem pole output stag-
es and optical receiver input stages with built-in Schmitt
triggerstoprovidelogic-compatiblewaveforms,eliminat-
ing the need for additional waveshaping.
A superior internal shield on the HCPL-2211/12, HCPL-
0211, HCPL-2232 and HCNW2211 guarantees common
mode transient immunity of 10 kV/µs at a common
mode voltage of 1000 volts.
Functional Diagram
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
A 0.1 µF bypass capacitor must be connected between pins 5 and 8.
7
1
2
3
4
5
6
8
NC
ANODE
CATHODE
NC
GND
VCC
VO
NC
SHIELD
HCPL-2201/11
HCPL-0201/11
HCNW2201/11
HCPL-2201 Functional Diagram
7
1
2
3
4
5
6
8
NC
ANODE
CATHODE
NC
GND
VCC
VO
NC
SHIELD
HCPL-2202/12
7
1
2
3
4
5
6
8
ANODE 1
CATHODE 1
CATHODE 2
ANODE 2
GND
VCC
VO1
VO2
SHIELD
HCPL-2231/32
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
VO
HIGH
LOW
HCPL-2201, HCPL-2202, HCPL-2211,HCPL-2212,
HCPL-2231, HCPL-2232, HCPL-0201, HCPL-0211,
HCNW2201, HCNW2211
Very High CMR, Wide V
CC Logic Gate Optocouplers
Data Sheet
Features
• 10 kV/µs minimum Common Mode Rejection
(CMR) at V
CM = 1000 V (HCPL-2211/2212/0211/2232,
HCNW2211)
• Wide operating V
CC range: 4.5 to 20 Volts
• 300 ns propagation delay guaranteed over the full
temperature range
• 5 Mbd typical signal rate
• Low input current (1.6mA to 1.8 mA)
• Hysteresis
• Totem pole output (no pullup resistor required)
• Available in 8-Pin DIP, SOIC-8, widebody packages
• Guaranteed performance from -40°C to 85°C
• Safety approval
– UL recognized -3750 V rms for 1 minute (5000V
rms for 1 minute for HCNW22XX) per UL1577
– CSAapproved
– IEC/EN/DIN EN 60747-5-2 approved with V
IORM =
630 V
peak (HCPL-2211/2212 Option 060 only) and
V
IORM = 1414 V peak (HCNW22XX only)
• MIL-PRF-38534 hermetic version available
(HCPL-52XX/62XX)
Applications
• Isolation of high speed logic systems
• Computer-peripheral interfaces
• Microprocessor system interfaces
• Ground loop elimination
• Pulse transformer replacement
• High speed line receiver
• Power control systems
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product


Similar Part No. - HCPL-2201

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2201 HP-HCPL-2201 Datasheet
204Kb / 11P
Low Input Current Logic Gate Optocouplers
HCPL-2201 HP-HCPL-2201 Datasheet
239Kb / 15P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2201 HP-HCPL-2201 Datasheet
260Kb / 16P
Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2201 AVAGO-HCPL-2201 Datasheet
389Kb / 18P
The HCPL-22XX, HCPL-02XX, and HCNW22XX are optically coupled logic gates. The HCPL??2XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED.
HCPL-2201 AVAGO-HCPL-2201 Datasheet
426Kb / 13P
Low Input Current Logic Gate Optocouplers
More results

Similar Description - HCPL-2201

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2201 HP-HCPL-2201 Datasheet
239Kb / 15P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
HCPL2201 HP-HCPL2201 Datasheet
260Kb / 16P
Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2211-300 AVAGO-HCPL-2211-300 Datasheet
389Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2202-300E AVAGO-HCPL-2202-300E Datasheet
389Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2232-300E AVAGO-HCPL-2232-300E Datasheet
321Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2231-300E AVAGO-HCPL-2231-300E Datasheet
389Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-0201-000E AVAGO-HCPL-0201-000E Datasheet
321Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2201-560E AVAGO-HCPL-2201-560E Datasheet
389Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com