Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-2201 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL-2201 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL-2201
Download  HCPL-2201 Download
File Size   204.0 Kbytes
Page   11 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Input Current Logic Gate Optocouplers

HCPL-2201 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-2201 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL-2201
Download  HCPL-2201 Click to download

File Size   204.0 Kbytes
Page   11 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Input Current Logic Gate Optocouplers

HCPL-2201 Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL-2201 Product details

Description

The HCPL-22XX, HCPL-02XX, and HCNW22XX are optically coupled logic gates. The HCPL-22XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED. The detectors have totempole output stages and optical receiver input stages with built-in Schmitt triggers to provide logic compatible waveforms, eliminat ing the need for additional waveshaping.



Features

• 10 kV/µs Minimum Common Mode Rejection (CMR) at VCM = 1000 V(HCPL-2211/2212/0211/2232, HCNW2211)

• Wide Operating VCC Range: 4.5 to 20 Volts

• 300 ns Propagation Delay Guaranteed over the Full Temperature Range

• 5 Mbd Typical Signal Rate

• Low Input Current (1.6 mA to 1.8 mA)

• Hysteresis

• Totem Pole Output (No Pullup Resistor Required)

• Available in 8-Pin DIP, SOIC-8, Widebody Packages

• Guaranteed Performance from -40°C to 85°C

• Safety Approval

   UL Recognized -2500 V rms

   for 1 minute (5000 V rms

   for 1 minute for HCNW22XX) per UL1577 CSA Approved VDE 0884 Approved with VIORM = 630 V peak (HCPL-2211/2212 Option 060 only) and VIORM = 1414 V peak (HCNW22XX only) BSI Certified (HCNW22XX only)

• MIL-STD-1772 Version Available (HCPL-52XX/62XX)



Applications

• Isolation of High Speed Logic Systems

• Computer-Peripheral Interfaces

• Microprocessor System Interfaces

• Ground Loop Elimination

• Pulse Transformer Replacement

• High Speed Line Receiver

• Power Control Systems



 




Similar Part No. - HCPL-2201

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2201 HP-HCPL-2201 Datasheet
239Kb / 15P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2201 HP-HCPL-2201 Datasheet
260Kb / 16P
Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2201 AVAGO-HCPL-2201 Datasheet
389Kb / 18P
The HCPL-22XX, HCPL-02XX, and HCNW22XX are optically coupled logic gates. The HCPL??2XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED.
HCPL-2201 AVAGO-HCPL-2201 Datasheet
426Kb / 13P
Low Input Current Logic Gate Optocouplers
HCPL-2201 AVAGO-HCPL-2201 Datasheet
389Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Similar Description - HCPL-2201

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
FOD2200 FAIRCHILD-FOD2200 Datasheet
210Kb / 14P
LOW INPUT CURRENT LOGIC GATE OPTOCOUPLERS
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
Low Input Current Phototransistor Optocouplers
FOD2200 FAIRCHILD-FOD2200_08 Datasheet
280Kb / 11P
Low Input Current Logic Gate Optocouplers
MCT5201M_0810 FAIRCHILD-MCT5201M_0810 Datasheet
293Kb / 12P
Low Input Current Phototransistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2200 AVAGO-HCPL-2200 Datasheet
426Kb / 13P
Low Input Current Logic Gate Optocouplers
HCPL-2219-300E AVAGO-HCPL-2219-300E Datasheet
426Kb / 13P
Low Input Current Logic Gate Optocouplers
HCPL-2200-000E AVAGO-HCPL-2200-000E Datasheet
426Kb / 13P
Low Input Current Logic Gate Optocouplers
logo
Skyworks Solutions Inc.
OLH5700 SKYWORKS-OLH5700 Datasheet
441Kb / 6P
Hermetic Low Input Current Optocouplers
June 21, 2017
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com