Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-2201 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL-2201
Description  Low Input Current Logic Gate Optocouplers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2201 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-2201 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1-126
Electrical Specifications
For 0
°C ≤ T
A
[1]
≤ 85°C, 4.5 V ≤ V
CC ≤ 20 V, 1.6 mA ≤ IF(ON) ≤ 5 mA, 2.0 V ≤ VEH ≤ 20 V,
0.0 V
≤ V
EL ≤ 0.8 V, 0 mA ≤ IF(OFF) ≤ 0.1 mA. All Typicals at TA = 25°C, VCC = 5 V, IF(ON) = 3 mA unless
otherwise specified. See Note 7.
Parameter
Sym.
Min.
Typ. Max. Units
Test Conditions
Fig.
Note
Logic Low
VOL
0.5
V
IOL = 6.4 mA (4 TTL Loads)
1
Output Voltage
Logic High
VOH
2.4
*
V
IOH = -2.6 mA
*VOH = VCC - 2.1 V
2
Output Voltage
Output Leakage
IOHH
100
µAV
O = 5.5 V
IF = 5 mA
Current (VOUT > VCC)VCC = 4.5 V
Logic High Enable
VEH
2.0
V
Voltage
Logic Low Enable
VEL
0.8
V
Voltage
Logic High Enable
IEH
20
µAV
EN = 2.7 V
Current
Logic Low Enable
IEL
-0.32
mA
VEN = 0.4 V
Current
Logic Low Supply
ICCL
IF = 0 mA
Current
IO = Open
VE = Don’t Care
Logic High Supply
ICCH
IF = 5 mA
Current
IO = Open
VE = Don’t Care
High Impedance
IOZL
-20
µAV
O = 0.4 V
VEN = 2 V,
IF = 5 mA
IOZH
20
µAV
O = 2.4 V
VEN = 2 V,
100
µAV
O = 5.5 V
500
µAV
O = 20 V
Logic Low Short
IOSL
2
Circuit Output
Current
Logic High Short
IOSH
IF = 5 mA,
2
Circuit Output
VO = GND
Current
Input Current
IHYS
0.12
mA
VCC = 5 V
3
Hysteresis
Input Forward
VF
1.5
1.7
V
TA = 25°CIF = 5 mA
4
1.75
Input Reverse
BVR
5V
IR = 10 µA
Breakdown Voltage
Input Diode
∆V
F
-1.7
mV/
°CI
F = 5 mA
Temperature
∆T
A
Coefficient
Input Capacitance
CIN
60
pF
f = 1 MHz, VF = 0 V, Pins 2 and 3
mA
VO = VCC = 5.5 V IF = 0 mA
25
500
µA
VO = 20 V
100
µAV
EN = 5.5 V
250
µAV
EN = 20 V
0.004
6.0
mA
VCC = 5.5 V
4.5
5.25
6.0
mA
VCC = 20 V
4.5
mA
VCC = 5.5 V
2.7
3.1
State Output
Current
mA
VO = VCC = 20 V
40
mA
VCC = 5.5 V
-10
mA
VCC = 20 V
-25
Voltage
7.5
mA
VCC = 20 V
IF = 5 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com