Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-2201 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HCPL-2201
Description  Low Input Current Logic Gate Optocouplers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2201 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-2201 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
1-130
18
27
36
45
HCPL-2200
DATA
INPUT
D1 (1N4150) REQUIRED FOR
ACTIVE PULL-UP DRIVER.
1.1 k
Ω
VCC1 (+5 V)
VCC
GND
D1
TTL OR
LSTTL
50 V
OUTPUT
VO
* SEE NOTE 6.
0 V
VOH
VOL
VO (MAX.)*
VO (MIN.)*
SWITCH AT A: IF = 1.6 mA
SWITCH AT B: IF = 0 mA
VCM
Figure 11. Test Circuit for Common Mode Transient Immunity and Typical
Waveforms.
Figure 13. Recommended LSTTL to LSTTL Circuit.
Figure 15. Recommended LED Drive Circuit.
Figure 12. Thermal Derating Curve,
Dependence of Safety Limiting Value
with Case Temperature per
VDE 0884.
Figure 14. LSTTL to CMOS Interface Circuit.
Figure 16. Series LED Drive with Open Collector Gate
(4.7 k
Ω Resistor Shunts I
OH from the LED).
*The 120 pF capacitor may be omitted in applications where 500 ns propagation delay is sufficient.
7
1
4
5
6
8
HCPL-2200
0.1 µF
BYPASS
OUTPUT VO
MONITORING
NODE
VCC
RIN
2
3
VFF
A
B
–
+
VCM
PULSE GENERATOR
VCC
GND
0
0
TS – CASE TEMPERATURE – °C
200
50
400
125
25
75 100
150
600
800
200
100
300
500
700
PS (mW)
IS (mA)
HCPL-2219 OPTION 060 ONLY
175
120 pF
18
27
36
45
1
2
HCPL-2200
DATA
INPUT
TTL OR
LSTTL
VCC2
(+5 V)
UP TO 16
LSTTL
LOADS
OR 4 TTL
LOADS
1.1
k
Ω
VCC1
(+5 V)
DATA
OUTPUT
TOTEM
POLE
OUTPUT
GATE
VCC
GND
120 pF (OPTIONAL*)
18
27
36
45
HCPL-2200
DATA
INPUT
TTL OR
LSTTL
1.1
k
Ω
VCC (+5 V)
OPEN
COLLECTOR
GATE
VCC
GND
4.7 k
Ω
120 pF (OPTIONAL*)
18
27
36
45
1
2
HCPL-2200
DATA
INPUT
TTL OR
LSTTL
VCC2
(4.5 TO 20 V)
1.1
k
Ω
VCC1
(+5 V)
DATA
OUTPUT
TOTEM
POLE
OUTPUT
GATE
VCC
GND
CMOS
VCC2
5 V
10 V
15 V
20 V
RL
1.1 K
2.37 K
3.83 K
5.11 K
RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com