Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA13 Datasheet(PDF) 1 Page - Dc Components

Part # SA13
Description  TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SA13 Datasheet(HTML) 1 Page - Dc Components

  SA13 Datasheet HTML 1Page - Dc Components SA13 Datasheet HTML 2Page - Dc Components SA13 Datasheet HTML 3Page - Dc Components SA13 Datasheet HTML 4Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3. 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load,
For capacitive load, derate current by 20%.
DO-15
Dimensions in inches and (millimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA suffix (e.g. SA5.0C, SA170CA)
Electrical characteristics apply in both directions
NOTES :
2. Mounted on Copper Leaf area of 1.6 X 1.6" (40X40 mm) per Fig. 5
1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25
oC per Fig.2.
SA5.0
THRU
SA170CA
VOLTAGE RANGE - 5.0 to 170 Volts
PEAK PULSE POWER - 500 Watts
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
FEATURES
* Glass passivated junction
* 500 Watts Peak Pulse Power capability on
10/1000 µs waveform
* Excellent clamping capability
* Low zener impedance
* Fast response time
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: MIL-STD-202E, Method 208 guaranteed
* Polarity: Color band denotes positive end (cathode)
except bidirectional types
* Mounting position: Any
* Weight: 0.4 gram
Steady State Power Dissipation at TL = 75
oC
Lead Lengths .375*( 9.5 mm ) ( Note 2 )
Peak Forward Surge Current, 8.3ms single half sine-wave
superimposed on rated load( JEDEC Method ) ( Note 3 )
Maximum Instantaneous Forward Voltage at 35A for Unidirectional
Only
SYMBOL
IFSM
VF
TJ, TSTG
Volts
-65 to + 175
0 C
UNITS
Amps
Peak Pulse Power Dissipation on 10/1000 µs waveform
(Note1,FIG.1)
Minimum 500
70
3.5
VALUE
Operating and Storage Temperature Range
PPPM
Watts
PM (AV)
Watts
1.0
168
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - SA13

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA13 PANJIT-SA13 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA13 WTE-SA13 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA13 BYTES-SA13 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
EIC discrete Semiconduc...
SA13 EIC-SA13 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SA13 MCC-SA13 Datasheet
431Kb / 6P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results

Similar Description - SA13

ManufacturerPart #DatasheetDescription
logo
Dc Components
1.5KE6.8 DCCOM-1.5KE6.8 Datasheet
740Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
5KP50 DCCOM-5KP50 Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 DCCOM-P4KE6.8 Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPERESSOR
P6KE68 DCCOM-P6KE68 Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50 DCCOM-SMBJ50 Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50 DCCOM-SMCJ50 Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P4KE6.8 GXELECTRONICS-P4KE6.8 Datasheet
334Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
5KP110A JINGHENG-5KP110A Datasheet
84Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
P4KE440 JINGHENG-P4KE440 Datasheet
88Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
ESD9D3V3C LEIDITECH-ESD9D3V3C Datasheet
981Kb / 2P
Low Clamping Voltage of Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com