Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA13 Datasheet(PDF) 4 Page - Dc Components

Part # SA13
Description  TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SA13 Datasheet(HTML) 4 Page - Dc Components

  SA13 Datasheet HTML 1Page - Dc Components SA13 Datasheet HTML 2Page - Dc Components SA13 Datasheet HTML 3Page - Dc Components SA13 Datasheet HTML 4Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
R
DC COMPONENTS CO., LTD.
SA (500W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
1.VBR measured after IT applied for 300µs. IT = Square Wave Pulse or equivalent.
2.For bidirectonal use C or CA suffixs for all types (ex. SA5.0C, SA170CA).
electrical characteristics apply in both directions.
3.For bidirectional types having VWM of 10 volts and less, the ID limit is doubled.
NOTES :
SA36
40.0
48.9
1.0
36.0
3.0
7.8
64.3
SA36A
40.0
44.2
1.0
36.0
3.0
8.6
58.1
SA40
44.4
54.3
1.0
40.0
3.0
7.0
71.4
SA40A
44.4
49.1
1.0
40.0
3.0
7.8
64.5
SA43
47.8
58.4
1.0
43.0
3.0
6.5
76.7
SA43A
47.8
52.8
1.0
43.0
3.0
7.2
69.4
SA45
50.0
61.1
1.0
45.0
3.0
6.2
80.3
SA45A
50.0
55.3
1.0
45.0
3.0
6.9
72.7
SA48
53.3
65.2
1.0
48.0
3.0
5.8
85.5
SA48A
53.3
58.9
1.0
48.0
3.0
6.5
77.4
SA51
56.7
69.3
1.0
51.0
3.0
5.5
91.1
SA51A
56.7
62.7
1.0
51.0
3.0
6.1
82.4
SA54
60.0
73.3
1.0
54.0
3.0
5.2
96.3
SA54A
60.0
66.3
1.0
54.0
3.0
5.7
87.1
SA58
64.4
78.7
1.0
58.0
3.0
4.9
103
SA58A
64.4
71.2
1.0
58.0
3.0
5.3
93.6
SA60
66.7
81.5
1.0
60.0
3.0
4.7
107
SA60A
66.7
73.7
1.0
60.6
3.0
5.2
96.8
SA64
71.1
86.9
1.0
64.0
3.0
4.4
1 14
SA64A
71.1
78.6
1.0
64.0
3.0
4.9
103
SA70
77.8
95.1
1.0
70.0
3.0
4.0
125
SA70A
77.8
86.0
1.0
70.0
3.0
4.4
113
SA75
83.3
102
1.0
75.0
3.0
3.7
134
SA75A
83.3
92.1
1.0
75.0
3.0
4.1
121
SA78
86.7
106
1.0
78.0
3.0
3.6
139
SA78A
86.7
95.8
1.0
78.0
3.0
4.0
126
SA85
94.4
1 15
1.0
85.0
3.0
3.3
151
SA85A
94.4
104
1.0
85.0
3.0
3.6
137
SA90
100
122
1.0
90.0
3.0
3.1
160
SA90A
100
1 1 1
1.0
90.0
3.0
3.4
146
SA100
1 1 1
136
1.0
100
3.0
2.8
179
SA100A
1 1 1
123
1.0
100
3.0
3.1
162
SA1 10
122
149
1.0
1 10
3.0
2.6
196
SA1 10A
122
135
1.0
1 10
3.0
2.8
177
SA120
133
163
1.0
120
3.0
2.3
214
SA120A
133
147
1.0
120
3.0
2.0
193
SA130
144
176
1.0
130
3.0
2.2
230
SA130A
144
159
1.0
130
3.0
2.4
209
SA150
167
204
1.0
150
3.0
1.9
268
SA150A
167
185
1.0
150
3.0
2.1
243
SA160
178
218
1.0
160
3.0
1.7
257
SA160A
178
197
1.0
160
3.0
1.9
259
SA170
189
231
1.0
170
3.0
1.6
304
SA170A
189
209
1.0
170
3.0
1.8
275
171
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com