Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB930 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OPB930
Description  Photologic짰 Slotted Optical Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OPB930 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OPB930 Datasheet HTML 1Page - List of Unclassifed Manufacturers OPB930 Datasheet HTML 2Page - List of Unclassifed Manufacturers OPB930 Datasheet HTML 3Page - List of Unclassifed Manufacturers OPB930 Datasheet HTML 4Page - List of Unclassifed Manufacturers OPB930 Datasheet HTML 5Page - List of Unclassifed Manufacturers OPB930 Datasheet HTML 6Page - List of Unclassifed Manufacturers OPB930 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.3 02/08
Page 2 of 7
Photologic® Slotted Optical Switch
OPB930 and OPB940 (L and W Series)
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPB930, OPB940 Buffered Totem-Pole
OPB932, OPB942 Inverted Totem-Pole
OPB931, OPB941 Buffered Open-Collector
OPB933 & OPB943 Inverted Open-Collector
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Supply Voltage, VCC (not to exceed 3 seconds)
10 V
Storage Temperature Range
-40°C to +85° C
Lead Soldering Temperature [1/16 inch (1.6mm) from the case for 5 sec. with soldering iron] (1)
260° C
Input Infrared LED
Input Diode Power Dissipation (2)
100 mW
Output Photologic® Power Dissipation (3)
200 mW
Total Device Power Dissipation (4)
300 mW
Output Photologic®
Voltage at Output Lead (Open Collector Output)
35 V
Diode Forward DC Current
40 mA
Diode Reverse DC Voltage
2 V
Operating Temperature Range
-40°C to +70° C
Notes:
(1) RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(2) Derate linearly 2.22 mW/°C above 25°.
(3) Derate linearly 4.44 mW/°C above 25°.
(4) Derate linearly 6.66 mW/°C above 25°.
(5) OPB930L/OPB940L series devices are terminated with 0.020” square leads designed for PCBoard mounting.
(6) Methanol and isopropanol are recommended as cleaning agents. Plastic housing is soluble in chlorinated hydrocarbons and
ketones.
(7) All parameters tested using pulse technique.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com