Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB930 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OPB930
Description  Photologic짰 Slotted Optical Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OPB930 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OPB930 Datasheet HTML 1Page - List of Unclassifed Manufacturers OPB930 Datasheet HTML 2Page - List of Unclassifed Manufacturers OPB930 Datasheet HTML 3Page - List of Unclassifed Manufacturers OPB930 Datasheet HTML 4Page - List of Unclassifed Manufacturers OPB930 Datasheet HTML 5Page - List of Unclassifed Manufacturers OPB930 Datasheet HTML 6Page - List of Unclassifed Manufacturers OPB930 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.3
02/08
Page 1 of 7
Photologic® Slotted Optical Switch
OPB930 and OPB940 (L and W Series)
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Features:
• Choice of aperture size
• Choice of output configurations
• Choice of opaque or IR transmissive shell
• Choice of pins (L) or wires (W)
• 0.125” (3.18 mm) slot width
• 0.320” (8.128 mm) lead spacing for PCBoard (side mounting)
• Data rates to 250 kBaud
Description:
The OPB930 and OPB940 series of Photologic® photo integrated circuit switches provide optimum flexibility for
the design engineer. Building from a standard housing with a 0.125” (3.18 mm) wide slot, a user can specify the
type and polarity of TTL output, discrete shell material, aperture width and either 0.350” (8.9 mm) long pins
(L Series)
or 24” (610 mm) AWG, UL listed wire leads (W Series).
All housings are made from an opaque grade of injection-molded plastic that minimizes the assembly’s sensitivity
to both visible and near-infrared ambient radiation. Discrete shells (exposed on the parallel faces inside the device
throat) are either IR transmissive plastic (for applications where aperture contamination may occur) or opaque
plastic (for maximum protection against ambient light).
Electrical output can be specified as either TTL Totem Pole or TTL Open Collector, either of which can be supplied
with buffer or inverter output polarity. All devices have the added stability of a built-in hysteresis amplifier.
Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for
more information.
W Package
L Package
Applications:
• Mechanical switch replacement
• Speed indication (tachometer)
• Mechanical limit indication
Part Number Guide — OPB930 and OPB940 Series
OPB 9 X X X X X Z———————For “W” series only
Optek Assembly
Sensor Aperture:
1 —
0.010” (2.54 mm)
5 —
0.050” (12.70 mm)
Photologic® Photo Integrated
Emitter Aperture:
Circuit Sensor Family
5 —
0.050” (12.70 mm)
Discrete Shell Material:
Mounting configurations:
3 —
Side mount IR transmissive
L —
Solder leads termination
Plastic discrete shell
W —
Wire termination
4 —
Side mount opaque
Plastic discrete shell
Electrical Specification Variations:
0
= Buffered Totem-Pole Output
1
= Buffered Open-Collector Output
2
= Inverted Totem-Pole Output
3
= Inverted Open-Collector Output
RoHS
CONTAINS POLYSULFONE
To avoid stress cracking, we suggest using ND
Industries’ Vibra-Tite for thread-locking.
Vibra-Tite
evaporates fast without causing
structural failure in OPTEK’s molded plastics.


Similar Part No. - OPB930

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB930 OPTEK-OPB930 Datasheet
317Kb / 7P
Photologic짰 Slotted Optical Switch
OPB930 OPTEK-OPB930 Datasheet
283Kb / 7P
Photologic짰 Slotted Optical Switch
logo
TT Electronics.
OPB930 TTELEC-OPB930 Datasheet
751Kb / 9P
Slotted Optical Switch
logo
OPTEK Technologies
OPB930L OPTEK-OPB930L Datasheet
417Kb / 4P
Photologic Slotted Optical Switches
OPB930L51 OPTEK-OPB930L51 Datasheet
417Kb / 4P
Photologic Slotted Optical Switches
More results

Similar Description - OPB930

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB120A OPTEK-OPB120A Datasheet
418Kb / 5P
Photologic짰 Slotted Optical Switch
OPB930 OPTEK-OPB930 Datasheet
317Kb / 7P
Photologic짰 Slotted Optical Switch
logo
List of Unclassifed Man...
OPB970N51 ETC-OPB970N51 Datasheet
186Kb / 6P
Photologic짰 Slotted Optical Switch
OPB970T51 ETC-OPB970T51 Datasheet
186Kb / 6P
Photologic짰 Slotted Optical Switch
OPB983T51Z ETC2-OPB983T51Z Datasheet
186Kb / 6P
Photologic짰 Slotted Optical Switch
OPB990T55 ETC2-OPB990T55 Datasheet
186Kb / 6P
Photologic짰 Slotted Optical Switch
OPB970N11 ETC2-OPB970N11 Datasheet
186Kb / 6P
Photologic짰 Slotted Optical Switch
OPB982T51 ETC2-OPB982T51 Datasheet
186Kb / 6P
Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB930W51Z OPTEK-OPB930W51Z Datasheet
283Kb / 7P
Photologic짰 Slotted Optical Switch
OPB992T51 OPTEK-OPB992T51 Datasheet
186Kb / 6P
Photologic짰 Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com