Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

820-IF70.0M-R Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 820-IF70.0M-R
Description  70.0MHz IF SAW Filter 0.3 MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

820-IF70.0M-R Datasheet(HTML) 1 Page - Oscilent Corporation

  820-IF70.0M-R_14 Datasheet HTML 1Page - Oscilent Corporation 820-IF70.0M-R_14 Datasheet HTML 2Page - Oscilent Corporation 820-IF70.0M-R_14 Datasheet HTML 3Page - Oscilent Corporation 820-IF70.0M-R_14 Datasheet HTML 4Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Oscilent Corporation
PRODUCT SPECIFICATION
Oscilent Corporation
Telephone: 1.949.252.0522
Fax: 1.949.252.0522
Email: sales@oscilent.com
Product Specification
www.oscilent.com
REV A January 2011
Oscilent Controlled Document
Ordering Code / Part Number
Product Description
820-IF70.0M-R
70.0MHz IF SAW Filter 0.3 MHz Bandwidth
Specification Contents
o
Mechanical Dimensions
o
Test Circuit
o
Maximum Ratings
o
Electrical Specification
o
Frequency Response
Notes
o
Electrostatic Sensitive Device (ESD)
o
Avoid excessive ultrasonic exposure
o
Solderability compatible with JEDEC J-STD-020C Pb-free process, 260°C peak reflow temperature
o
This product complies with EU directive 2002/95/EC (RoHS compliance)


Similar Part No. - 820-IF70.0M-R_14

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
820-IF70.0M-R OSCILENT-820-IF70.0M-R Datasheet
143Kb / 2P
Base Station & Repeater
More results

Similar Description - 820-IF70.0M-R_14

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-IF70.0M-19D OSCILENT-813-IF70.0M-19D Datasheet
213Kb / 6P
70.0MHz IF SAW Filter 19.48MHz Bandwidth
813-SL70.0M-20A OSCILENT-813-SL70.0M-20A Datasheet
181Kb / 6P
70.0MHz IF SAW Filter 19.5 MHz Bandwidth
813-SL70.0M-42A OSCILENT-813-SL70.0M-42A Datasheet
214Kb / 6P
70.0MHz IF SAW Filter 42.2MHz Bandwidth
821-IF70.0M-R OSCILENT-821-IF70.0M-R Datasheet
450Kb / 6P
70.0MHz IF SAW Filter 0.3 MHz Bandwidth
835-IF70.0M-06A OSCILENT-835-IF70.0M-06A Datasheet
226Kb / 6P
70.0MHz IF SAW Filter 6.41 MHz Bandwidth
835-IF70.0M-14B OSCILENT-835-IF70.0M-14B Datasheet
211Kb / 6P
70.0MHz IF SAW Filter 14.0 MHz Bandwidth
835-IF70.0M-14C OSCILENT-835-IF70.0M-14C Datasheet
211Kb / 6P
70.0MHz IF SAW Filter 14.27 MHz Bandwidth
835-IF70.0M-15B OSCILENT-835-IF70.0M-15B Datasheet
213Kb / 6P
70.0MHz IF SAW Filter 15.32 MHz Bandwidth
813-SL70.0M-03 OSCILENT-813-SL70.0M-03_14 Datasheet
272Kb / 4P
70.0MHz IF SAW Filter 2.85MHz Bandwidth
813-SL70.0M-07 OSCILENT-813-SL70.0M-07_14 Datasheet
275Kb / 5P
70.0MHz IF SAW Filter 6.8 MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com