Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

820-IF70.0M-R Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 820-IF70.0M-R
Description  70.0MHz IF SAW Filter 0.3 MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

820-IF70.0M-R Datasheet(HTML) 2 Page - Oscilent Corporation

  820-IF70.0M-R_14 Datasheet HTML 1Page - Oscilent Corporation 820-IF70.0M-R_14 Datasheet HTML 2Page - Oscilent Corporation 820-IF70.0M-R_14 Datasheet HTML 3Page - Oscilent Corporation 820-IF70.0M-R_14 Datasheet HTML 4Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Oscilent Part Number
820-IF70.0M-R
January 2011 Rev A
70.0MHz IF SAW Filter 0.3 MHz Bandwidth
Product Specification
P. 1
www.oscilent.com
Mechanical Dimensions (mm)
Test Circuit
Pin Description
B, C, E, F Ground
A Input
D Output
Test Fixture & Values
Input L1 = 180 nH, C1 = 62pF
Output L2 = 180 nH, C2 = 62pF
Source/Load Impedance 50 Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com