Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30LVD47-R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 30LVD47-R
Description  AC Line Rated Disc Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30LVD47-R Datasheet(HTML) 1 Page - Vishay Siliconix

  30LVD47-R Datasheet HTML 1Page - Vishay Siliconix 30LVD47-R Datasheet HTML 2Page - Vishay Siliconix 30LVD47-R Datasheet HTML 3Page - Vishay Siliconix 30LVD47-R Datasheet HTML 4Page - Vishay Siliconix 30LVD47-R Datasheet HTML 5Page - Vishay Siliconix 30LVD47-R Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
30LV Series
www.vishay.com
Vishay Cera-Mite
Revision: 06-Jun-13
1
Document Number: 23103
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
AC Line Rated Disc Capacitors
Class X1, 400 VAC/Class Y2, 300 VAC
INSULATION RESISTANCE
Min. 1000
F
TOLERANCE ON CAPACITANCE
± 10 %; ± 20 %
DISSIPATION FACTOR
2.0 % max. at 1 kHz; 1 V
CERAMIC DIELECTRIC
C0G, U2J, P3K, R3L (Class 1)
X7R, Y5U (Class 2)
CLIMATIC CATEGORY ACC. TO EN 60068-1
25/125/21
OPERATING TEMPERATURE RANGE
- 30 °C to + 125 °C
FEATURES
• Complying with IEC 60384-14 3rd edition
• High reliability
• Complete range of capacitance values
• Radial leads
• Singlelayer AC Disc capacitors
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• X1/Y2 according to IEC 60384-14.3
• Across-the-line
• Line by-pass
• Antenna coupling
DESIGN
The capacitors consist of a ceramic disc of which both sides
are silver-plated. Connection leads are made of tinned
copper having a diameter of 0.032" (0.81 mm) or 0.025"
(0.64 mm). The capacitors may be supplied with radial
kinked or straight leads having a lead spacing of 0.375"
(9.5 mm) or 0.250" (6.4 mm). The standard tolerance is
± 20 %. Coating is made of flame retardant epoxy resin in
accordance with “UL 94 V-0.”
CAPACITANCE RANGE
10 pF to 0.015 μF
RATED VOLTAGE
IEC 60384-14.3:
• X1:
400 VAC, 50 Hz
• Y2:
300 VAC, 50 Hz
DIELECTRIC STRENGTH BETWEEN LEADS
Component test:
2500 VAC, 50 Hz, 2 s
As repeated test admissible only once with:
2250 VAC, 50 Hz, 2 s
Random sampling test (destructive test):
2500 VAC, 50 Hz, 60 s
DIELECTRIC STRENGTH OF BODY INSULATION
2300 VAC, 50 Hz, 60 s (destructive test)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
1
2
Ceramic Dielectric
C0G,
U2J, P3K,
R3L, S3L
C0G,
U2J, P3K,
R3L, S3L
X7R,
Y5U
X7R,
Y5U
Voltage (VAC)
300
400
300
400
Min. Capacitance (pF)
10
100
Max. Capacitance (pF)
68
15 000
Mounting
Radial


Similar Part No. - 30LVD47-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30LVD47-R VISHAY-30LVD47-R Datasheet
169Kb / 9P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC
30-Sep-2021
More results

Similar Description - 30LVD47-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
440L VISHAY-440L Datasheet
129Kb / 3P
AC Line Rated Disc Capacitors
14-May-02
VY1 VISHAY-VY1_10 Datasheet
452Kb / 6P
AC Line Rated Disc Capacitors
12-Apr-10
VY2 VISHAY-VY2_10 Datasheet
152Kb / 7P
AC Line Rated Disc Capacitors
13-Apr-10
30LVSD47-R VISHAY-30LVSD47-R Datasheet
163Kb / 5P
AC Line Rated Disc Capacitors
06-Jun-13
VY2472M49Y5US63V0 VISHAY-VY2472M49Y5US63V0 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors
08-Mar-12
VY1472M63Y5UQ63V0 VISHAY-VY1472M63Y5UQ63V0 Datasheet
127Kb / 6P
AC Line Rated Disc Capacitors
11-Jun-12
440L VISHAY-440L_18 Datasheet
174Kb / 5P
AC Line Rated Ceramic Disc Capacitors
29-Mar-18
AY2 VISHAY-AY2_18 Datasheet
355Kb / 13P
Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
29-Mar-18
AY1 VISHAY-AY1 Datasheet
306Kb / 12P
Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
22-Mar-2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com