Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP50CAS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 5KP50CAS
Description  5000W TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

5KP50CAS Datasheet(HTML) 1 Page - Diodes Incorporated

  5KP50CAS Datasheet HTML 1Page - Diodes Incorporated 5KP50CAS Datasheet HTML 2Page - Diodes Incorporated 5KP50CAS Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5KP5.0(C)A(S) - 5KP240(C)A(S)
5000W TRANSIENT VOLTAGE SUPPRESSOR
DS21504 Rev. H-2
1 of 3
5KP5.0(C)A(S) - 5KP240(C)A(S)
Features
5KP
5KW
Dim
Min
Max
Min
Max
A
25.40
¾
25.40
¾
B
¾
8.60
—
9.00
C
0.95
1.07
1.20
1.30
D
¾
9.53
¾
8.00
All Dimensions in mm
A
A
B
C
D
“S” Suffix Designates 5KW Package
No “S” Designates 5KP Package
Notes:
1. Valid provided that the terminals are maintained at a distance of 10mm from case at 25
°C.
2. Measured with 8.3ms single half sine-wave. Duty cycle = 4 pulses per minute maximum.
3. Unidirectional units only.
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation
(Non repetitive current pulse derated above TA =25
°C)
( Note 1)
PPK
5000
W
Peak Forward Surge Current, 8.3ms Single Half Sine
Wave Superimposed on Rated Load (JEDEC Method)
(Notes 1, 2, & 3)
IFSM
400
A
Steady State Power Dissipation at TL = 75
°C,
Lead Lengths @ 9.5mm(Note 1)
PD
8.0
W
Instantaneous Forward Voltage @ IPP = 100A
(Notes 1, 2, & 3)
VF
3.5
V
Operating and Storage Temperature Range
Tj,TSTG
-55 to +150
°C
·
Case: 5KP/5KW, Transfer Molded Epoxy
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity Indicator: Cathode Band
(Note: Bi-directional devices have no polarity
indicator.)
·
Marking: Type Number
·
Weight: 2.1 grams (approx.)
·
5000W Peak Pulse Power Dissipation
·
5.0V - 170V Standoff Voltages
·
Glass Passivated Die Construction
·
Uni- and Bi-directional Version Available
·
Excellent Clamping Capability
·
Fast Response Time
·
Plastic Case Material has UL Flammability
Classification Rating 94V-0
Mechanical Data


Similar Part No. - 5KP50CAS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
5KP50 RECTRON-5KP50 Datasheet
970Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
5KP50 DCCOM-5KP50 Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
5KP50 MICROSEMI-5KP50 Datasheet
84Kb / 2P
TRANSIENT ABSORPTION ZENER
logo
Rectron Semiconductor
5KP50A RECTRON-5KP50A Datasheet
970Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
5KP50A MICROSEMI-5KP50A Datasheet
84Kb / 2P
TRANSIENT ABSORPTION ZENER
More results

Similar Description - 5KP50CAS

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
5KP WTE-5KP_06 Datasheet
71Kb / 6P
5000W TRANSIENT VOLTAGE SUPPRESSOR
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
5KP5 TAITRON-5KP5 Datasheet
202Kb / 6P
5000W Transient Voltage Suppressor
logo
Comchip Technology
5KP-G COMCHIP-5KP-G Datasheet
100Kb / 5P
5000W Transient Voltage Suppressor
logo
Digitron Semiconductors
5KP5.0 DIGITRON-5KP5.0 Datasheet
291Kb / 4P
5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
5000W Transient Voltage Suppressor
A5KP-G COMCHIP-A5KP-G Datasheet
105Kb / 5P
5000W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
5.0SMDJ TSC-5.0SMDJ Datasheet
406Kb / 6P
5000W, 16V - 100V Surface Mount Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
5KP LEIDITECH-5KP Datasheet
629Kb / 5P
5000W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
5KSMC10AH TSC-5KSMC10AH Datasheet
451Kb / 5P
5000W, 10V- 40V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com