Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP50CAS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 5KP50CAS
Description  5000W TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

5KP50CAS Datasheet(HTML) 2 Page - Diodes Incorporated

  5KP50CAS Datasheet HTML 1Page - Diodes Incorporated 5KP50CAS Datasheet HTML 2Page - Diodes Incorporated 5KP50CAS Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS21504 Rev. H-2
2 of 3
5KP5.0(C)A(S) - 5KP240(C)A(S)
Type
Number
Add C For
Bi-Directional
(Note 4)
Reverse
Standoff
Voltage
Breakdown Voltage
VBR @ IT (Note 5)
Test
Current
Max. Reverse
Leakage @
VRWM (Note 6)
Max. Clamping
Voltage @ Ipp
Max. Peak
Pulse Current
IPP
Max. Voltage
Temp. Variation
of VBR
VRWM (V)
Min (V)
Max (V)
IT (mA)
IR (
mA)
VC (V)
(A)
mV/°C
5KP5.0(C)A
5.0
6.40
7.00
50
5000
9.2
543.0
4.0
5KP6.0(C)A
6.0
6.67
7.37
50
5000
10.3
485.0
4.0
5KP6.5(C)A
6.5
7.22
7.98
50
2000
11.2
447.0
4.0
5KP7.0(C)A
7.0
7.78
8.60
50
1000
12.0
417.0
5.0
5KP7.5(C)A
7.5
8.33
9.21
5.0
250
12.9
388.0
6.0
5KP8.0(C)A
8.0
8.89
9.83
5.0
150
13.6
367.0
6.0
5KP8.5(C)A
8.5
9.44
10.40
5.0
50
14.4
347.0
7.0
5KP9.0(C)A
9.0
10.00
11.10
5.0
20
15.4
325.0
8.0
5KP10(C)A
10.0
11.10
12.30
5.0
15
17.0
294.0
9.0
5KP11(C)A
11.0
12.20
13.50
5.0
10
18.2
274.0
10
5KP12(C)A
12.0
13.30
14.70
5.0
10
19.9
251.0
11
5KP13(C)A
13.0
14.40
15.90
5.0
10
21.5
232.0
12
5KP14(C)A
14.0
15.60
17.20
5.0
10
23.2
215.0
13
5KP15(C)A
15.0
16.70
18.50
5.0
10
24.4
206.0
15
5KP16(C)A
16.0
17.80
19.70
5.0
10
26.0
192.0
16
5KP17(C)A
17.0
18.90
20.90
5.0
10
27.6
181.0
18
5KP18(C)A
18.0
20.00
22.10
5.0
10
29.2
172.0
19
5KP20(C)A
20.0
22.20
24.50
5.0
10
32.4
154.0
22
5KP22(C)A
22.0
24.40
26.90
5.0
10
35.5
141.0
24
5KP24(C)A
24.0
26.70
29.50
5.0
10
38.9
128.0
27
5KP26(C)A
26.0
28.90
31.90
5.0
10
42.1
119.0
29
5KP28(C)A
28.0
31.10
34.40
5.0
10
45.5
110.0
30
5KP30(C)A
30.0
33.30
36.80
5.0
10
48.4
103.0
35
5KP33(C)A
33.0
36.70
40.60
5.0
10
53.3
94.0
38
5KP36(C)A
36.0
40.00
44.20
5.0
10
58.1
86.0
40
5KP40(C)A
40.0
44.40
49.10
5.0
10
64.5
78.0
45
5KP43(C)A
43.0
47.80
52.80
5.0
10
69.4
72.0
49
5KP45(C)A
45.0
50.00
55.30
5.0
10
72.7
69.0
51
5KP48(C)A
48.0
53.30
58.90
5.0
10
77.4
65.0
55
5KP51(C)A
51.0
56.70
62.70
5.0
10
82.4
61.0
60
5KP54(C)A
54.0
60.00
66.30
5.0
10
87.1
57.0
64
5KP58(C)A
58.0
64.40
71.20
5.0
10
93.6
53.0
69
5KP60(C)A
60.0
66.70
73.70
5.0
10
96.8
52.0
70
5KP64(C)A
64.0
71.10
78.60
5.0
10
103.0
49.0
75
5KP70(C)A
70.0
77.80
86.00
5.0
10
113.0
44.0
84
5KP75(C)A
75.0
83.30
92.10
5.0
10
121.0
41.0
90
5KP78(C)A
78.0
86.70
95.80
5.0
10
126.0
40.0
94
5KP85(C)A
85.0
94.40
104.00
5.0
10
137.0
36.0
102
5KP90(C)A
90.0
100.00
111.00
5.0
10
146.0
34.0
109
5KP100(C)A
100.0
111.00
123.00
5.0
10
162.0
31.0
122
5KP110(C)A
110.0
122.00
135.00
5.0
10
177.0
28.0
132
5KP120(C)A
120.0
133.00
148.00
5.0
10
194.0
25.0
140
5KP150(C)A
150.0
166.00
184.00
5.0
10
242.0
20.0
180
5KP180(C)A
180.0
200.00
222.00
5.0
10
292.0
17.0
218
5KP240(C)A
240.0
266.00
296.00
5.0
10
388.0
12.5
280
Notes:
4. Suffix C denotes Bi-directional device.
5. VBR measured with IT current pulse = 300
ms
6. For Bi-Directional devices having VRWM of 10V and under, the IR is doubled.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com