Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9625 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9625
Description  12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9625 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9625 Datasheet HTML 17Page - Analog Devices AD9625 Datasheet HTML 18Page - Analog Devices AD9625 Datasheet HTML 19Page - Analog Devices AD9625 Datasheet HTML 20Page - Analog Devices AD9625 Datasheet HTML 21Page - Analog Devices AD9625 Datasheet HTML 22Page - Analog Devices AD9625 Datasheet HTML 23Page - Analog Devices AD9625 Datasheet HTML 24Page - Analog Devices AD9625 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Data Sheet
AD9625
DIGITAL DOWNCONVERTERS (DDC)
Figure 31. Digital Downconverters
The AD9625 architecture includes two DDCs, each designed to
extract a portion of the full digital spectrum captured by the
ADC. Each tuner consists of an independent frequency
synthesizer and quadrature mixer; a chain of low-pass filters for
rate conversion follows these components. Assuming a
sampling frequency of 2.000 GHz, the frequency synthesizer
(10-bit NCO) allows for 1024 discrete tuning frequencies,
ranging from −0.999 GHz to +1.000 GHz, in steps of 2000/1024
= 1.953 MHz. The low-pass filters allow for two modes of
decimation.
•
A high bandwidth mode, 192 MHz wide (from −96 MHz
to +96 MHz), sampled at 2.0 GHz/8 = 250 MHz for the I
and Q branches separately. The 16-bit samples from the I
and Q branches are transmitted through a dedicated
JESD204B interface.
•
A low bandwidth mode, 96 MHz wide (from −48 MHz to
+48 MHz), sampled at 2.0 GHz/16 = 125 MHz for the I and
Q branches separately. The 16-bit samples from the I and Q
branches are transmitted through a dedicated JESD204B
interface.
By design, all of the blocks operate at a single clock frequency of
2.0 GHz/8 = 250 MHz.
Each filter stage includes a gain control block that is programmable
by the user. The gain varies from 0 dB to 18 dB, in steps of 6 dB,
and the gain is applied before final scaling and rounding. The
gain control feature may be useful in cases where the tuner
filters out a strong out-of-band interferer, leaving a weak in-
band signal.
FREQUENCY SYNTHESIZER AND MIXER
For a sampling rate of 2.000 GHz, the synthesizer (10-bit NCO)
outputs one of 1024 possible complex frequencies from
−0.999 GHz to +1.000 GHz. The synthesizer employs the direct
digital synthesis technique, using look-up sine tables and a
phase accumulator. The user specifies the tuner frequency by
writing to a 10-bit phase increment register.
HIGH BANDWIDTH DECIMATOR
The first filter stage is designed for a rate reduction factor of 8,
yielding a sample rate of 2.000 GHz/8 = 250 MHz. To achieve a
combination of low complexity and low clock rate, the DDC
employs a decimate-by-8 polyphase fuse filter that receives
eight 13-bit samples from the mixer block at every clock cycle.
The block design provides user specified gain control, from 0 dB to
18 dB in steps of 6 dB. The gain is applied before final scaling
and rounding to 16 bits.
Figure 32. Magnitude Response of the Decimate-by-8 Polyphase Fuse Filter
Filter performance is shown in Figure 32 and Figure 34. The
filter yields an effective bandwidth of 96 MHz, with a transition
band of 125 − 96 = 29 MHz. Hence, the two-sided complex
bandwidth of the filter is 192 MHz.
A rejection ratio of 85 dB ensures that the seven aliases that fold
back into the pass band yield an SNR of 85 dB − 10log10(7) =
76.5 dB, which ensures that the aliases remain sufficiently below
the noise floor of the input signal. The pass-band ripple is
±0.05 dB, as shown in Figure 33.
SYNTHESIZER
NCO
12-BIT ADC
@ 2.0GSPS
DECIMATION
BY 8
GAIN SELECT:
0dB, 6dB, 12dB, 18dB
MODE SELECT:
96MHz OR 192MHz BW
MIXER
MIXER
8 × 12-BIT
@ 250MHz
DECIMATION
BY 8
DECIMATION
BY 2
8 × 13-BIT
@ 250MHz
8 × 12-BIT
@ 250MHz
8 × 13-BIT
@ 250MHz
16-BIT @ 250MHz
16-BIT
@ 125MHz
16-BIT
@ 125MHz
I-PHASE
16-BIT @ 250MHz
Q-PHASE
TUNER SELECT:
–1.0GHz TO +1.0GHz
GAIN SELECT:
0dB, 6dB,
12dB, 18dB
TO
FRAMER
TO
FRAMER
10
–100
–90
–80
–70
–60
–50
–40
–30
–20
0
–10
fS/2
FREQUENCY (MHz)
Rev. 0 | Page 21 of 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com