Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3810 Datasheet(PDF) 2 Page - NEC

Part # 2SC3810
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR MICROWAVE AMPLIFIERS AND ULTRA HIGH SPEED SWITCHINGS INDUSTRIAL USE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC3810 Datasheet(HTML) 2 Page - NEC

  2SC3810 Datasheet HTML 1Page - NEC 2SC3810 Datasheet HTML 2Page - NEC 2SC3810 Datasheet HTML 3Page - NEC 2SC3810 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
2SC3810
REGARDING CLEANSING
Cleanse the flux after soldering. Particularly, cleanse the bottom surface of the transistor so that flux does not remain.
If any flux remains on the bottom surface, it may absorb moisture, resulting in short circuit among pins due to metal-migration
at the metalized area of the transistor. You can use alcohol as a solvent.
Do not apply ultra-sonic-cleaning on this product.
TYPICAL CHARACTERISTICS (TA = 25
°°°°°C)
FEEDBACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
DC CURRENT GAIN vs.
COLLECTOR CURRENT
f = 1.0 MHz
VCE = 8 V
VCE = 8 V
3
2
1
0.7
0.5
0.3
0.2
1
2
3
5
7
10
20
30
2
3
5
7
10
20
30
0.5
1
5
10
50
200
100
50
20
10
0.1
30
20
10
7
5
3
2
1
VCB - Collector to Base Voltage - V
IC - Collector Current - mA
IC - Collector Current - mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com