Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3810 Datasheet(PDF) 1 Page - NEC

Part # 2SC3810
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR MICROWAVE AMPLIFIERS AND ULTRA HIGH SPEED SWITCHINGS INDUSTRIAL USE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC3810 Datasheet(HTML) 1 Page - NEC

  2SC3810 Datasheet HTML 1Page - NEC 2SC3810 Datasheet HTML 2Page - NEC 2SC3810 Datasheet HTML 3Page - NEC 2SC3810 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document No. P11698EJ1V0DS00 (1st edition)
Date Published July 1996 P
Printed in Japan
SILICON TRANSISTOR
2SC3810
FEATURES
• The 2SC3810 is an NPN silicon epitaxial dual transistor having
a large-gain-bandwidth product performance in a wide operating
current range.
• Dual chips in one package can achieve high performance for
differential amplifiers and current mode logic (CML) circuits.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°°C)
ELECTRICAL CHARACTERISTICS (TA = 25
°°°°°C)
NPN SILICON EPITAXIAL TRANSISTOR
FOR MICROWAVE AMPLIFIERS AND ULTRA HIGH SPEED SWITCHINGS
INDUSTRIAL USE
PACKAGE DIMENSIONS (in millimeters)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
10
V
Emitter to Base Voltage
VEBO
1.5
V
Collector Current
IC
65/unit
mA
Total Power Dissipation
PT
240/unit
mW
Thermal Resistance (junction to case)
Rth (j-c)
90/unit
°C/W
Junction Temperature
Tj
200
°C
Storage Temperature
Tstg
-65 to +200
°C
5.0 MIN.
3
4
2
1
5
3
5
E
41
C1
B1
B2
C2
2
(#492C)
5.0 MIN.
0.6
± 0.1
3.5
+0.3
-0.2
PIN CONNECTIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector to Base Breakdown Voltage
BVCBO
IC = 10
µA20
V
Emitter to Base Breakdown Voltage
BVEBO
IE = 10
µA, IC = 0
1.5
V
Collector to Emitter Breakdown Voltage
BVCEO
IC = 1 mA, RBE =
∞
10
V
Collector Cut-off Current
ICBO
VCB = 10 V, IE = 0
1.0
µA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0
1.0
µA
DC Current Gain
hFE
VCE = 8 V, IC = 20 mA
50
100
250
hFE Ratio
hFE1/hFE2 Note 1 VCE = 8 V, IC = 20 mA
0.6
1.0
Difference of Base to Emitter Voltage
∆ VBE
VCE = 8 V, IC = 20 mA
30
mV
Gain Bandwidth Product
fT Note 2
VCE = 8 V, IC = 20 mA
7
8
GHz
Feedback Capacitance
Cre Note 3
VCB = 10 V, IE = 0, f = 1.0 MHz
0.5
1.0
pF
Notes 1. hFE1 is the smaller hFE value of the 2 transistors.
2. Measured using a single-type device (equivalent to the 2SC3604).
3. Measured with a 3-terminal bridge, terminals other than the collector and base of the device under test should be connected to
the guard terminal of the bridge.
©
1996
DATA SHEET


Similar Part No. - 2SC3810

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC3810 RENESAS-2SC3810 Datasheet
164Kb / 6P
SILICON TRANSISTOR
1996
More results

Similar Description - 2SC3810

ManufacturerPart #DatasheetDescription
logo
NEC
2SC1927 NEC-2SC1927 Datasheet
36Kb / 4P
NPN SILICON EPITAXIAL DUAL TRANSISTOR FOR DIFFERENTIAL AMPLIFIER AND ULTRA HIGH SPEED SWITCHING INDUSTRIAL USE
2SC3809 NEC-2SC3809 Datasheet
34Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR FOR MICROWAVE AMPLIFIERS AND ULTRA HIGH SPEED SWITCHINGS INDUSTRIAL USE
2SC5369 NEC-2SC5369 Datasheet
72Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE AMPLIFICATION
2SC5409 NEC-2SC5409 Datasheet
39Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE HIGH-GAIN AMPLIFICATION
UPA1428A NEC-UPA1428A Datasheet
54Kb / 6P
NPN SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
UPA1436A NEC-UPA1436A Datasheet
60Kb / 6P
NPN SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
NE699M01 NEC-NE699M01 Datasheet
50Kb / 6P
NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE HIGH-GAIN AMPLIFICATION
logo
List of Unclassifed Man...
2SD1671 ETC2-2SD1671 Datasheet
36Kb / 1P
NPN Silicon Epitaxial Darlington Transistor Low Speed High Current Switching Industrial Use
logo
Renesas Technology Corp
2SC2721 RENESAS-2SC2721_15 Datasheet
231Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-FREQUENCY AMPLIFIERS AND MID-SPEED SWITCHING
2SC1733 RENESAS-2SC1733 Datasheet
188Kb / 6P
NPN SILICON EPITAXIAL DUAL TRANSISTOR FOR DIFFERENTIAL AMPLIFIER INDUSTRIAL USE
July 1996
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com