Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL711 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IL711
Description  High Speed Dual Digital Isolator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IL711 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IL711 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL711 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL711 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL711 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL711 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL711 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL711 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL711 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
· +5V/+3.3V or +5V only CMOS/TTL Compatible
· High Speed: 110 MBaud
· 2500VRMS Isolation (1 min)
· 2 ns Typical Pulse Width Distortion
· 4 ns Typical Propagation Delay Skew
· 10 ns Typical Propagation Delay
· 30 kV/us Typical Transient Immunity
· 2 ns Channel to Channel Skew
· 8-pin PDIP and 8-pin SOIC Packages
· UL1577 Approved (File # E207481)
· IEC 61010-1 Approved (Report # 607057)
Isolation Applications
· ADCs and DACs
· Digital Fieldbus
· RS485 and RS422
· Multiplexed Data Transmission
· Data Interfaces
· Board-To-Board Communication
· Digital Noise Reduction
· Operator Interface
· Ground Loop Elimination
· Peripheral Interfaces
· Serial Communication
· Logic Level Shifting
Description
NVE's family of high-speed digital isolators are CMOS devices created by
integrating active circuitry and our GMR-based and patented* IsoLoop®
technology. The IL711 and IL712 are two channel versions of the world's
fastest digital isolator with a 110 Mbaud data rate. These devices offer true
isolated logic integration in a level not previously available. All transmit
and receive channels operate at 110 Mbd over the full temperature and
supply voltage range. The symmetric magnetic coupling barrier provides a
typical propagation delay of only 10 ns and a pulse width distortion of 2 ns
achieving the best specifications of any isolator device. Typical transient
immunity of 30 kV/µs is unsurpassed. The IL711 has two transmit
channels; the IL712 has one transmit channel and one receive channel. The
IL712 operates in full duplex mode making it ideal for many field bus
applications. PROFIBUS and RS485 configurations are achieved by
combining the IL711/12 and the IL710, which together meet the overall
propagation delay specification.
The IL711 and IL712 are available in 8-pin PDIP and 8-pin SOIC packages
and performance is specified over the temperature range of -40°C to
+100°C without any derating.
Functional Diagram
Isoloop
® is a registered trademark of NVE Corporation
* US Patent number 5,831,426; 6,300,617 and others
IL711/712
ISOLOOP®
NVE Corporation
11409 Valley View Road
Eden Prairie, MN 55344-3617 USA
Telephone: (952) 829-9217
Fax: (952) 829-9189
Internet: www.isoloop.com
High Speed Dual Digital Isolator
IL711
IL712


Similar Part No. - IL711

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL711 ETC1-IL711 Datasheet
124Kb / 7P
Dual Digital Isolator
logo
NVE Corporation
IL711 NVE-IL711 Datasheet
760Kb / 20P
High Speed Two-Channel Digital Isolators
IL711-1E NVE-IL711-1E Datasheet
760Kb / 20P
High Speed Two-Channel Digital Isolators
logo
List of Unclassifed Man...
IL711-2 ETC1-IL711-2 Datasheet
124Kb / 7P
Dual Digital Isolator
logo
NVE Corporation
IL711-2 NVE-IL711-2 Datasheet
760Kb / 20P
High Speed Two-Channel Digital Isolators
More results

Similar Description - IL711

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
High Speed Digital Isolator
IL711 ETC1-IL711 Datasheet
124Kb / 7P
Dual Digital Isolator
logo
Rohm
BM67221FV-C ROHM-BM67221FV-C Datasheet
2Mb / 28P
High Speed Digital Isolator
logo
ON Semiconductor
NCID9211 ONSEMI-NCID9211 Datasheet
301Kb / 12P
High Speed Dual-Channel, Bi-Directional Ceramic Digital Isolator
March, 2020 ??Rev. 0
NCID9401 ONSEMI-NCID9401 Datasheet
296Kb / 15P
High Speed Quad-Channel Digital Isolator
August, 2020 ??Rev. P1
NCID9200 ONSEMI-NCID9200 Datasheet
242Kb / 12P
High Speed Dual-Channel, Ceramic Digital Isolator
December, 2021 - Rev. P0
NCID9210 ONSEMI-NCID9210 Datasheet
417Kb / 12P
High Speed Dual-Channel, Bi-Directional Ceramic Digital Isolator
September, 2021 - Rev. 1
NCID9301 ONSEMI-NCID9301 Datasheet
286Kb / 16P
High Speed 3-Channel Digital Isolator
January, 2022 - Rev. 0
NCID9211 ONSEMI-NCID9211_V01 Datasheet
448Kb / 12P
High Speed Dual-Channel, Bi-Directional Ceramic Digital Isolator
September, 2021 - Rev. 3
NCID9401 ONSEMI-NCID9401_V01 Datasheet
441Kb / 15P
High Speed Quad-Channel Digital Isolator
August, 2022 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com