Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL711 Datasheet (PDF) - NVE Corporation

IL711 Datasheet PDF - NVE Corporation
Part # IL711
Download  IL711 Download
File Size   760.91 Kbytes
Page   20 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description High Speed Two-Channel Digital Isolators

IL711 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL711 Datasheet PDF - NVE Corporation

Part # IL711
Download  IL711 Click to download

File Size   760.91 Kbytes
Page   20 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description High Speed Two-Channel Digital Isolators

IL711 Datasheet (HTML) - NVE Corporation


IL711 Product details

Features
• High speed: 150 Mbps typical (S-Series)
• High temperature: −40 °C to +125 °C (T-Series and V-Series
• 6 kVRMS Reinforced Isolation; 1.2 kVRMS Working Voltage (V-Series)
• 2.7 to 5.5 volt supply range
• 100 kV/μs Common Mode Transient Immunity
• No carrier or clock for low EMI emissions and susceptibility
• 1.2 mA/channel typical quiescent current
• 300 ps typical pulse width distortion (S-Series)
• 100 ps pulse jitter
• 2 ns channel-to-channel skew
• 10 ns typical propagation delay
• 44000 year barrier life
• Excellent magnetic immunity
• IEC 60747-17 (VDE 0884-17):2021-10 certified; UL 1577 recognized
• 6 kVRMS Reinforced Isolation; 1.2 kVRMS Working Voltage (V-Series)
• ATEX / IECEx certified for IS-to-IS intrinsically safe applications
• MSOP, SOIC, PDIP, and True 8 mm creepage packages
Applications
• Board-to-board communication
• CANbus
• Peripheral interfaces
• Logic level shifting
• Equipment covered under IEC 61010-1 Edition 3
• 5 kVRMS rated IEC 60601-1 medical applications




Similar Part No. - IL711

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL711 ETC1-IL711 Datasheet
124Kb / 7P
Dual Digital Isolator
IL711 ETC2-IL711 Datasheet
416Kb / 8P
High Speed Dual Digital Isolator
IL711-2 ETC1-IL711-2 Datasheet
124Kb / 7P
Dual Digital Isolator
IL711-2B ETC2-IL711-2B Datasheet
416Kb / 8P
High Speed Dual Digital Isolator
IL711-3 ETC1-IL711-3 Datasheet
124Kb / 7P
Dual Digital Isolator
More results


Similar Description - IL711

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL9000 HP-HCPL9000 Datasheet
449Kb / 12P
High Speed Digital Isolators
logo
Analog Devices
ADUM3440CRWZ AD-ADUM3440CRWZ Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
REV. D
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
High Speed Digital Isolators
logo
List of Unclassifed Man...
IL715T-3E ETC2-IL715T-3E Datasheet
496Kb / 18P
High Speed Four-Channel Digital Isolators
logo
Analog Devices
ADUM3440 AD-ADUM3440_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3441 AD-ADUM3441_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3442 AD-ADUM3442_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
logo
Texas Instruments
ISO721 TI1-ISO721_15 Datasheet
1Mb / 37P
Single Channel High-Speed Digital Isolators
ISO7240CF TI1-ISO7240CF_15 Datasheet
2Mb / 46P
High-Speed, Quad-Channel Digital Isolators
logo
Maxim Integrated Produc...
MAX12930 MAXIM-MAX12930 Datasheet
658Kb / 20P
Two-Channel Digital Isolators
Rev 0; 6/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com