Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL711 Datasheet(PDF) 7 Page - NVE Corporation

Part # IL711
Description  High Speed Two-Channel Digital Isolators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL711 Datasheet(HTML) 7 Page - NVE Corporation

Back Button IL711 Datasheet HTML 3Page - NVE Corporation IL711 Datasheet HTML 4Page - NVE Corporation IL711 Datasheet HTML 5Page - NVE Corporation IL711 Datasheet HTML 6Page - NVE Corporation IL711 Datasheet HTML 7Page - NVE Corporation IL711 Datasheet HTML 8Page - NVE Corporation IL711 Datasheet HTML 9Page - NVE Corporation IL711 Datasheet HTML 10Page - NVE Corporation IL711 Datasheet HTML 11Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
IL711/IL712/IL721
7
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
5 Volt Electrical Specifications (Tmin to Tmax unless otherwise stated)
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Quiescent Supply Current
IL711
IDD1
10
15
μ
A
IL712/IL721
1.8
2.5
mA
Output Quiescent Supply Current
IL711
IDD2
3.6
5
mA
IL712/IL721
1.8
2.5
mA
Logic Input Current
II
−10
10
μ
A
Logic High Output Voltage
VOH
VDD − 0.1
VDD
V
IO = −20 μA, VI = VIH
0.8 x VDD
0.9 x VDD
IO = −4 mA, VI = VIH
Logic Low Output Voltage
VOL
0
0.1
V
IO = 20 μA, VI = VIL
0.5
0.8
IO = 4 mA, VI = VIL
Switching Specifications (VDD = 5 V)
Maximum Data Rate
IL711/IL712/IL721
IL711S/IL712S
IL711T/IL712T/IL721T
100
130
100
110
150
110
Mbps
Mbps
Mbps
CL = 15 pF
CL = 15 pF
CL = 15 pF
Pulse Width(7)
PW
10
7.5
ns
50% Points, VO
Propagation Delay Input to Output
(High to Low)
tPHL
10
15
ns
CL = 15 pF
Propagation Delay Input to Output
(Low to High)
tPLH
10
15
ns
CL = 15 pF
Pulse Width Distortion(2)
IL711/IL712/IL721
IL711S/IL712S
IL711T/IL712T/IL721T
PWD
2
2
0.3
3
3
3
ns
ns
ns
CL = 15 pF
CL = 15 pF
CL = 15 pF
Pulse Jitter(10)
tJ
100
ps
CL = 15 pF
Propagation Delay Skew(3)
tPSK
4
6
ns
CL = 15 pF
Output Rise Time (10%–90%)
tR
1
3
ns
CL = 15 pF
Output Fall Time (10%–90%)
tF
1
3
ns
CL = 15 pF
Common Mode Transient Immunity
(Output Logic High or Logic Low)(4)
|CMH|,|CML|
100
150
kV/µs
Per IEC 60747
Channel to Channel Skew
tCSK
2
3
ns
CL = 15 pF
Dynamic Power Consumption(6)
200
340
μ
A/Mbps
per channel
Magnetic Field Immunity(8) (VDD2= 5 V, 2.7 V < VDD1 < 5.5 V)
Power Frequency Magnetic Immunity
HPF
3500
A/m
50Hz/60Hz
Pulse Magnetic Field Immunity
HPM
4500
A/m
tp = 8 µs
Damped Oscillatory Magnetic Field
HOSC
4500
A/m
0.1Hz – 1MHz
Cross-axis Immunity Multiplier(9)
KX
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com