Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL711 Datasheet(PDF) 12 Page - NVE Corporation

Part # IL711
Description  High Speed Two-Channel Digital Isolators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL711 Datasheet(HTML) 12 Page - NVE Corporation

Back Button IL711 Datasheet HTML 8Page - NVE Corporation IL711 Datasheet HTML 9Page - NVE Corporation IL711 Datasheet HTML 10Page - NVE Corporation IL711 Datasheet HTML 11Page - NVE Corporation IL711 Datasheet HTML 12Page - NVE Corporation IL711 Datasheet HTML 13Page - NVE Corporation IL711 Datasheet HTML 14Page - NVE Corporation IL711 Datasheet HTML 15Page - NVE Corporation IL711 Datasheet HTML 16Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
IL711/IL712/IL721
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
Fax: (952) 829-9189
www.IsoLoop.com
©NVE Corporation
Illustrative Applications
NVE offers a unique line of single-chip isolated RS-485, PROFIBUS, and CAN transceivers, but as illustrated in the circuits below, IL700-Series
Isolators can also be used as part of multi-chip designs with non-isolated transceivers:
IL710
IL711
ISL8485
5
6
7
8
4
3
2
1
1
2
3
4
8
7
6
5
1
5
6
7
2
8
3
4
Isolation
Boundary
Figure 1. Isolated PROFIBUS / RS-485 circuit.
IL712 / IL721
TxD
RxD
CANH
CANL
Rx0
7
6
2
1
4
3
1
2
3
4
8
7
6
5
2
DD2
AMIS-30660/
TJA1050
CAN
Controller
Figure 2. Isolated CAN circuit.
CAN isolation is increasingly necessary to reduce EMI susceptibility, especially in high- speed applications and in hybrid and electrical vehicle
networks, where the 12 V battery has been replaced with one of several hundred volts. Operator and equipment safety becomes critical when a
high voltage source, such as the battery, needs to be connected to diagnosis systems during routine maintenance procedures. In the application
shown above, the microcontroller is isolated from the CAN transceiver by an IL712 or IL721, allowing higher speed and more reliable bus
operation by eliminating ground loops and reducing susceptibility to noise and EMI events. The best-in-class 10 ns typical IL712/IL721
propagation delay minimizes CAN loop delay and maximizes data rate over any given bus length. This simple circuit works with any CAN
transceiver with a TxD dominant timeout, which includes all of the current-generation transceivers.
RS-485 Truth Table
D
DE
A
B
R
1
0
Z
Z
X
0
0
Z
Z
X
1
1
1
0
1
0
1
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com