Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL711 Datasheet(PDF) 6 Page - NVE Corporation

Part # IL711
Description  High Speed Two-Channel Digital Isolators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL711 Datasheet(HTML) 6 Page - NVE Corporation

Back Button IL711 Datasheet HTML 2Page - NVE Corporation IL711 Datasheet HTML 3Page - NVE Corporation IL711 Datasheet HTML 4Page - NVE Corporation IL711 Datasheet HTML 5Page - NVE Corporation IL711 Datasheet HTML 6Page - NVE Corporation IL711 Datasheet HTML 7Page - NVE Corporation IL711 Datasheet HTML 8Page - NVE Corporation IL711 Datasheet HTML 9Page - NVE Corporation IL711 Datasheet HTML 10Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
IL711/IL712/IL721
6
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
3.3 Volt Electrical Specifications (Tmin to Tmax unless otherwise stated)
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Quiescent Supply Current
IL711
IDD1
8
10
μ
A
IL712/IL721
1.2
1.75
mA
Output Quiescent Supply Current
IL711
IDD2
2.4
3.5
mA
IL712/IL721
1.2
1.75
mA
Logic Input Current
II
−10
10
μ
A
Logic High Output Voltage
VOH
VDD – 0.1
VDD
V
IO = −20 μA, VI = VIH
0.8 x VDD
0.9 x VDD
IO = −4 mA, VI = VIH
Logic Low Output Voltage
VOL
0
0.1
V
IO = 20 μA, VI = VIL
0.5
0.8
IO = 4 mA, VI = VIL
Switching Specifications (VDD = 3.3 V)
Maximum Data Rate
IL711/IL712/IL721
IL711S/IL712S
IL711T/IL712T/IL721T
100
130
100
110
140
110
Mbps
Mbps
Mbps
CL = 15 pF
CL = 15 pF
CL = 15 pF
Pulse Width(7)
PW
10
7.5
ns
50% Points, VO
Propagation Delay Input to Output
(High to Low)
tPHL
12
18
ns
CL = 15 pF
Propagation Delay Input to Output
(Low to High)
tPLH
12
18
ns
CL = 15 pF
Pulse Width Distortion(2)
IL711/IL712/IL721
IL711S/IL712S
IL711T/IL712T/IL721T
PWD
2
2
1
3
3
3
ns
ns
ns
CL = 15 pF
CL = 15 pF
CL = 15 pF
Propagation Delay Skew(3)
tPSK
4
6
ns
CL = 15 pF
Output Rise Time (10%–90%)
tR
2
4
ns
CL = 15 pF
Output Fall Time (10%–90%)
tF
2
4
ns
CL = 15 pF
Common Mode Transient Immunity
(Output Logic High or Logic Low)(4)
|CMH|,|CML|
100
150
kV/µs
Per IEC 60747
Channel-to-Channel Skew
tCSK
2
3
ns
CL = 15 pF
Dynamic Power Consumption(6)
Input side
140
240
μ
A/Mbps/ch
Output side
20
40
Magnetic Field Immunity(8) (VDD2 = 3.3 V, 2.7 V < VDD1 < 5.5 V)
Power Frequency Magnetic Immunity
HPF
1500
A/m
50Hz/60Hz
Pulse Magnetic Field Immunity
HPM
2000
A/m
tp = 8 µs
Damped Oscillatory Magnetic Field
HOSC
2000
A/m
0.1Hz – 1MHz
Cross-axis Immunity Multiplier(9)
KX
2.5
Timing Diagram
Legend
tPLH
Propagation Delay, Low to High
tPHL
Propagation Delay, High to Low
tPW
Minimum Pulse Width
tR
Rise Time
tF
Fall Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com