Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-AFM2E Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # FT-AFM2E
Description  Digital Fiber Sensor FX-100 SERIES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT-AFM2E Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button FT-AFM2E Datasheet HTML 8Page - List of Unclassifed Manufacturers FT-AFM2E Datasheet HTML 9Page - List of Unclassifed Manufacturers FT-AFM2E Datasheet HTML 10Page - List of Unclassifed Manufacturers FT-AFM2E Datasheet HTML 11Page - List of Unclassifed Manufacturers FT-AFM2E Datasheet HTML 12Page - List of Unclassifed Manufacturers FT-AFM2E Datasheet HTML 13Page - List of Unclassifed Manufacturers FT-AFM2E Datasheet HTML 14Page - List of Unclassifed Manufacturers FT-AFM2E Datasheet HTML 15Page - List of Unclassifed Manufacturers FT-AFM2E Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
135 DigitalFiberSensorFX-100SERIES
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY
COMPONENTS
PRESSURE
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
WIRE-
SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
Selection
Guide
Fiber Sensor
Amplifiers
FX-300
FX-100
Fibers
FT
/ FD / FR
FX-410
FX-311
FX-11A
FX-301-F
Other
Products
FIBER
SENSORS
FX-100
Fiber sensor
Ampilifiers
PRECAUTIONS FOR PROPER USE
Refer to p.986~ for general precautions, and to the “Operation Guide” or “SUNX website”
(http://www.sunx.com) for details pertaining to operating instructions for the amplifier.
Never use this product as a sensing device
for personnel protection.
In case of using sensing devices for
personnel protection, use products which
meet laws and standards, such as OSHA,
ANSI or IEC etc., for personnel protection
applicable in each region or country.
•
•
The FX-100 series does not use the horizontal
connectors that are used with the FX-300 / FX-400
series. Please note that horizontal connection cannot be
performed using a connector attached cable. In addition,
the optical communication function is not equipped on
the FX-100 series, so it is unable to perform interference
prevention for use with the FX-300 / FX-400 series.
If using the FX-100 series together with the FX-300 /
FX-400 series side-by-side, please set the same models
together in groups.
•
Using in combination with the FX-300 / FX-400 series
Mounting
<When using a DIN rail>
How to mount the amplifier
1
Fit the rear part of the mounting
section of the amplifier on a 35 mm
1.378 in width DIN rail.
2
Press down the rear part of the
mounting section of the unit on the
35 mm 1.378 in width DIN rail and
fit the front part of the mounting
section to the DIN rail.
Part description
Setting mode
Setting mode appears after the MODE key is pressed for
2 sec. in RUN mode.
•
Setting item Factory setting
Description
Teaching
mode
Threshold value can be set in 2-level teaching,
limit teaching, or full-auto teaching.
Output
operation
setting
[Dark-ON]
Light-ON or Dark-ON can be set.
Timer
operation
setting
[Without timer]
Without timer, ON delay timer, or OFF delay
timer can be set.
Timer
setting
[ON-delay timer: 10 ms]
[OFF-delay timer: 10 ms]
In case of setting ON-delay timer or OFF-delay
timer in the timer operation setting mode, timer
can be set. When timer is not set, this mode is
not displayed.
Emission
amount
setting
[OFF]
Setting for reduced intensity of emission
amount is possible when the incident light
intensity is saturated.
Emission
frequency
setting
FX-101□
0 (Response time:
250 μs or less)
FX-102□
1 (Response time:
2.5 ms or less)
In case of using the fiber heads in parallel,
interference can be prevented by setting
different emission frequency. However, when
emission frequency 0 is set, interference
cannot be prevented. Response time
corresponds to emission frequency. For
details, refer to “SPECIFICATIONS” on p.132.
Operation indicator
(Orange)
MODE key
ON key /
Setting value UP key
OFF key /
Setting value DOWN key
Digital display (Green)
(Threshold value)
Digital display (Red)
(Incident light intensity)
35 mm 1.378 in width DIN rail
1
2
How to remove the amplifier
1
Push the amplifier forward.
2
Lift up the front part of the
amplifier to remove it.
Note: Take care that if the front part is lifted without pushing the amplifier
forward, the hook on the rear portion of the mounting section is likely
to break.
<When using screws with washers>
Use M3 screws with washers
for mounting. The tightening
torque should be 0.5 N·m or
less.
•
1
2
M3 screw
with washer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com