Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-AFM2E Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FT-AFM2E
Description  Digital Fiber Sensor FX-100 SERIES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT-AFM2E Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FT-AFM2E Datasheet HTML 1Page - List of Unclassifed Manufacturers FT-AFM2E Datasheet HTML 2Page - List of Unclassifed Manufacturers FT-AFM2E Datasheet HTML 3Page - List of Unclassifed Manufacturers FT-AFM2E Datasheet HTML 4Page - List of Unclassifed Manufacturers FT-AFM2E Datasheet HTML 5Page - List of Unclassifed Manufacturers FT-AFM2E Datasheet HTML 6Page - List of Unclassifed Manufacturers FT-AFM2E Datasheet HTML 7Page - List of Unclassifed Manufacturers FT-AFM2E Datasheet HTML 8Page - List of Unclassifed Manufacturers FT-AFM2E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Digital Fiber Sensor
FX-100 SERIES
124
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
SAFETY
COMPONENTS
PRESSURE
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC CONTROL
DEVICES
LASER
MARKERS
Selection
Guide
Fiber Sensor
Amplifiers
FX-300
FX-100
Fibers
FT
/ FD / FR
FX-410
FX-311
FX-11A
FX-301-F
Other
Products
FIBER
SENSORS
FX-100
Fiber sensor
Amplifiers
The sensor is very slim, yet equipped with a dual digital
display. Both space saving and ease of use have been
achieved.
A stable amount of emitted light is ensured due to control
of the aging of the emitting element to the maximum limit.
Saving-space with a width of 9 mm 0.354 in
Equipped with a four-chemical emitting element
9 mm
0.354 in
Quick code input function [RUN mode]
Sensor settings can be made simply by selecting preset
values.
A three level navigation structure provides easy access to the sensor’s functions, from
basic to advanced
Setting details are divided into three levels for simple operation, so that settings for normal operation are made in
“RUN mode”, basic settings are made in “SET mode”, and advanced functions are set in “PRO mode”. This makes
configuration much easier to understand and carry out.
Functions used during normal operation
[Function table]
• Changing threshold values • Key lock
• Quick settings • Code settings
RUN mode
SET mode
Functions used when initializing the
sensor and carrying out maintenance
[Function table]
• Teaching • L-ON / D-ON setting
• Timer setting
• Attenuation function
• Interference prevention function
PRO mode
Equipped with a full complement
of digital fiber sensor functions
[Function table]
• Shift • External input • Reset
• GETA • ECO • Display reversing
• Surplus value display • Copy
• Threshold tracking
RUN MODE
SET MODE
PRO MODE
Simple setting
Special and detailed setting
Smooth support via telephone [RUN mode]
Confirmation can be carried out smoothly via telephone
by simply quoting numbers. This can be of great
assistance when dealing with foreign country customers.
No.
Output
operation
Light-emitting
amount selection
Timer
Dark-ON
OFF
None
Dark-ON
ON
None
Dark-ON
OFF
OFF-delay 10 ms
Dark-ON
ON
OFF-delay 10 ms
Light-ON
ON
ON-delay 40 ms
Light-ON
OFF
ON-delay 40 ms
Light-ON
ON
ON-delay 10 ms
Light-ON
OFF
ON-delay 10 ms
Quick setting numbers (summary)
P.138
DIMENSIONS
P.136~
PRECAUTIONS FOR PROPER USE
P.135~
SENSING CHARACTERISTICS
P.134~
I/O CIRCUIT DIAGRAMS
P.133
SPECIFICATIONS
P.128~
LIST OF FIBERS
P.126~
ORDER GUIDE
[Stable sensing comparison]
Three-chemical
emitting element
FX-100
Time
Long-term
stability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com