Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD-AFM2 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # FD-AFM2
Description  Digital Fiber Sensor FX-100 SERIES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FD-AFM2 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button FD-AFM2 Datasheet HTML 8Page - List of Unclassifed Manufacturers FD-AFM2 Datasheet HTML 9Page - List of Unclassifed Manufacturers FD-AFM2 Datasheet HTML 10Page - List of Unclassifed Manufacturers FD-AFM2 Datasheet HTML 11Page - List of Unclassifed Manufacturers FD-AFM2 Datasheet HTML 12Page - List of Unclassifed Manufacturers FD-AFM2 Datasheet HTML 13Page - List of Unclassifed Manufacturers FD-AFM2 Datasheet HTML 14Page - List of Unclassifed Manufacturers FD-AFM2 Datasheet HTML 15Page - List of Unclassifed Manufacturers FD-AFM2 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Digital Fiber Sensor
FX-100 SERIES
134
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY
COMPONENTS
PRESSURE
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
WIRE-
SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
Selection
Guide
Fiber Sensor
Amplifiers
FX-300
FX-100
Fibers
FT
/ FD / FR
FX-410
FX-311
FX-11A
FX-301-F
Other
Products
FIBER
SENSORS
FX-100
Fiber Sensor
Amplifiers
SENSING CHARACTERISTICS (TYPICAL)
1,000
39.37
2,000
78.74
3,000
118.11
4,000
157.48
0
200
7.874
100
3.937
0
100
3.937
200
7.874
FX-102
FX-101
Operating point ℓ (mm in)
Center
Down
Up
ℓ 8 mm 0.315 in
approx.
Fiber head
Fiber
head
L
0
Operating point ℓ (mm in)
Center
Left
Right
200
7.874
100
3.937
0
100
3.937
200
7.874
1,000
39.37
2,000
78.74
3,000
118.11
4,000
157.48
FX-102
FX-101
ℓ
Fiber
head
Fiber
head
L
1,000
39.370
500
19.685
0
1,000
39.37
500
19.685
0
500
19.685
1,000
39.37
FX-102
Operating point ℓ (mm in)
Center
Left
Right
ℓ
Fiber
head
Fiber
head
L
FX-101
400
15.748
200
7.874
0
200
7.874
400
15.748
Operating point ℓ (mm in)
Center
Left
Right
1,000
39.370
500
19.685
0
FX-101
FX-102
ℓ
Fiber
head
Fiber
head
L
Thru-beam type
FT-A8
Thru-beam type
FT-B8
Thru-beam
type
FT-FM2 FT-FM2S FT-FM2S4
FT-SFM2 FT-T80
Parallel deviation
Vertical direction
•
Horizontal direction
•
Parallel deviation
Parallel deviation
100
3.937
50
1.969
050
1.969
100
3.937
0
Operating point ℓ (mm in)
Center
Left
Right
400
15.748
200
7.874
FX-102
FX-101
L
ℓ
White non-glossy paper
Fiber
head
100
3.937
50
1.969
050
1.969
100
3.937
200
7.874
400
15.748
0
Operating point ℓ (mm in)
Center
Left
Right
FX-102
FX-101
L
ℓ
White non-glossy paper
Fiber
head
40
1.575
20
0.787
020
0.787
40
1.575
50
1.969
100
3.937
0
Operating point ℓ (mm in)
Center
Left
Right
FX-102
FX-101
L
ℓ
White non-glossy paper
Fiber
head
40
1.575
20
0.787
020
0.787
40
1.575
0
Operating point ℓ (mm in)
Center
Left
Right
50
1.969
100
3.937
150
5.906
200
7.874
FX-102
FX-101
L
ℓ
White non-glossy paper
Fiber
head
Reflective type
FD-G4
Reflective type
FD-G6X
Reflective type
FD-B8
Reflective type
FD-FM2
Sensing field
Sensing field
Sensing field
Sensing field
200
7.874
100
3.937
100
3.937
200
7.874
100
3.937
200
7.874
300
11.811
400
15.748
0
FX-102
FX-101
Operating point ℓ (mm in)
Center
Left
Right
ℓ
Fiber
head
Fiber
head
L
400
15.748
200
7.874
0
200
7.874
400
15.748
Operating point ℓ (mm in)
Center
Left
Right
1,000
39.370
500
19.685
0
FX-102
FX-101
ℓ
Fiber
head
Fiber
head
L
100
3.937
50
1.969
050
1.969
100
3.937
Operating point ℓ (mm in)
Center
Left
Right
200
7.874
100
3.937
0
FX-102
FX-101
ℓ
Fiber
head
Fiber
head
L
200
7.874
100
3.937
0
100
3.937
200
7.874
200
7.874
400
15.748
600
23.622
800
9.843
0
FX-102
FX-101
Operating point ℓ (mm in)
Center
Left
Right
ℓ
Fiber
head
Fiber
head
L
Thru-beam type
FT-W4 FT-WS4
Thru-beam type
FT-W8 FT-WS8
Thru-beam
type
FT-NFM2 FT-NFM2S
FT-NFM2S4 FT-SNFM2
Thru-beam type
FT-P81X
Parallel deviation
Parallel deviation
Parallel deviation
Parallel deviation
Operating point ℓ (mm in)
Center
Left
Right
100
3.937
50
1.969
0
20
0.787
10
0.394
010
0.394
20
0.787
FX-101
FX-102
L
ℓ
White non-glossy paper
Fiber
head
Operating point ℓ (mm in)
Center
Left
Right
200
7.874
100
3.937
0
40
1.575
20
0.787
020
0.787
40
1.575
FX-101
FX-102
L
ℓ
White non-glossy paper
Fiber
head
40
1.575
20
0.787
020
0.787
40
1.575
Operating point ℓ (mm in)
Center
Left
Right
200
7.874
100
3.937
0
FX-101
FX-102
L
ℓ
White non-glossy paper
Fiber
head
Operating point ℓ (mm in)
Center
Left
Right
20
0.787
10
0.394
010
0.394
20
0.787
0
FX-102
FX-101
20
0.787
40
1.575
60
2.362
80
3.150
L
ℓ
White non-glossy paper
Fiber
head
Sensing field
Sensing field
Sensing field
Sensing field
Reflective type
FD-W8 FD-WS8 FD-WT8
Reflective type
FD-WG4 FD-WSG4
Reflective
type
FD-NFM2 FD-NFM2S FD-NFM2S4
FD-SNFM2 FD-T40
Reflective type
FD-P81X
Contact our office for sensing characteristics that are not contained here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com