Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD-AFM2 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # FD-AFM2
Description  Digital Fiber Sensor FX-100 SERIES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FD-AFM2 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button FD-AFM2 Datasheet HTML 8Page - List of Unclassifed Manufacturers FD-AFM2 Datasheet HTML 9Page - List of Unclassifed Manufacturers FD-AFM2 Datasheet HTML 10Page - List of Unclassifed Manufacturers FD-AFM2 Datasheet HTML 11Page - List of Unclassifed Manufacturers FD-AFM2 Datasheet HTML 12Page - List of Unclassifed Manufacturers FD-AFM2 Datasheet HTML 13Page - List of Unclassifed Manufacturers FD-AFM2 Datasheet HTML 14Page - List of Unclassifed Manufacturers FD-AFM2 Datasheet HTML 15Page - List of Unclassifed Manufacturers FD-AFM2 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Digital Fiber Sensor
FX-100 SERIES
136
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY
COMPONENTS
PRESSURE
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
WIRE-
SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
Selection
Guide
Fiber Sensor
Amplifiers
FX-300
FX-100
Fibers
FT
/ FD / FR
FX-410
FX-311
FX-11A
FX-301-F
Other
Products
FIBER
SENSORS
FX-100
Fiber Sensor
Amplifiers
PRO mode
PRO mode appears after the MODE key is pressed for 4
sec. in RUN mode.
•
Setting item Factory setting
Description
Shift
setting
[Shift amount 15 %]
Shift amount can be selected from 0 to 80 % in
the limit teaching. Select 0 % when it is desired
to set the present incident light intensity as a
threshold value.
External
input
setting
[Emission halt]
Extemal input can be selected from emission
halt, limit +, limit -, AUTO, and ECO.
Threshold
value
follow-up
cycle
setting
(Note 1)
[OFF]
When incident light intensity exceeds threshold
value, this mode can change the threshold
value with each set cycle depending on
variations of the incident light intensity. The
follow-up shift amount is same as the one
set in the shift setting mode. However, the
threshold value is not stored.
GETA
function
setting
(Note 2, 3)
[OFF]
Variations can be reduced by correcting the
present incident light intensity in each amplifier
to a target value. Target value to offset incident
light intensity can be selected from 0 to 2,000
by 100 unit each. For example, if the target
value is set to 2,000 when the incident light
intensity is 1,500, the incident light intensity
becomes 2,000.
ECO
setting
[OFF]
It is possible to light up / turn off the digital
display. When ECO setting mode is ON, the
display turns off in 20 sec. approx. in RUN
mode. To light up the display again, press any
key for 2 sec. or more.
Digital
display
inversion
setting
[OFF]
Digital display can be inverted.
Threshold
value
margin
setting
[OFF]
Margin for threshold value to the present
incident light intensity can be checked. When
there is no margin, it is possible to make the
digital display blink.
: Set to “OFF”: does not function.
: Green blinks.
: Red blinks.
: Red and green blink.
Setting
copy
[NO]
The settings of the master side amplifier can
be copied to the slave side amplifier.
For details, refer to “Setting copy function.”
Reset
[NO]
Returns to default settings (factory settings.)
Notes: 1) If the incident light intensity becomes “300” or less, the follow-up
operation stops. In that condition, threshold value [digital display
(green)] blinks.
This function can be used when thru-beam type or retroreflective
type fiber is applied to this product. If reflective type fiber is
applied, the function cannot be used depending on use conditions.
2) If MODE key is pressed in RUN mode when GETA function is
used, the incident light intensity before setting GETA function is
displayed on the red digital display for 2 sec. approx.
3) When GETA function is used in saturation of incident light intensity
(4,000 or more,) “
” is indicated on the red digital display.
Correction value is up to 4,000.
Setting copy function
This can copy the settings of the master side amplifier to
the slave side amplifier.
•
Be sure to use the setting copy function between the
identical models (Between FX-10□ models or FX-102□
models).
This function cannot be used between different
models.
Only one sensor can be connected on slave side with a
master side sensor for the setting copy function.
Threshold value, output operation setting, timer
operation setting, timer setting, light-emitting amount
setting, shift setting, ECO setting, digital display
inversion setting, and threshold value margin setting
can be copied.
•
•
•
<Setting procedures>
1
Set the setting copy mode of the master side amplifier to
“Copy sending ON”, and press the MODE key so that
“
” is shown on the digital display and the
sensor is in copy ready state. For the setting method,
refer to “Operation guide”.
2
Turn off the master side amplifier.
3
Connect the master side amplifier with the slave side
amplifier as shown below.
4
Turn on the master side amplifier and the slave side
amplifier at the same time. (Note)
5
“
” is shown on the green digital display of the master
side amplifier and 4-digit code is shown on the red
digital display of it, then the copying starts. During copy
communication, “
” is shown on the green digital
display of the slave side amplifier, and the ongoing copy
communication indicator (“
”“
”“
”
“
”) is displayed on the red digital display.
6
When the copying is completed, “
” is shown on the
green digital display of the slave side amplifier, while the
4-digit code (the same code as the master side amplifier)
is shown on the red digital display of it.
7
Turn off the power of the master side amplifier and the
slave side amplifier and disconnect the wire.
If copying the settings to another amplifier repeatedly, follow the steps 3
to 7 .
Note: Take care that if the power is not turned on at the same time, the
setting contents may not be copied.
<To cancel the setting copy mode of the master side amplifier>
1
While the slave side amplifier is disconnected, turn on
the power of the master side amplifier.
2
Press the MODE key for 2 sec. approx.
*
Master side amplifier
Slave side amplifier
Color code of cable with connector
+
–
12 to 24V DC
± 10 %
(Brown) +V
(Black) Input
(White) Extemal input
(Blue) 0 V
(Brown) +V
(Black) Input
(White) Extemal input
(Blue) 0 V
PRECAUTIONS FOR PROPER USE
Refer to p.986~ for general precautions, and to the “Operation Guide” or “SUNX website”
(http://www.sunx.com) for details pertaining to operating instructions for the amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com