Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLS4030TRLPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRLS4030TRLPBF
Description  DC Motor Drive
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLS4030TRLPBF Datasheet(HTML) 2 Page - International Rectifier

  IRLS4030TRLPBF Datasheet HTML 1Page - International Rectifier IRLS4030TRLPBF Datasheet HTML 2Page - International Rectifier IRLS4030TRLPBF Datasheet HTML 3Page - International Rectifier IRLS4030TRLPBF Datasheet HTML 4Page - International Rectifier IRLS4030TRLPBF Datasheet HTML 5Page - International Rectifier IRLS4030TRLPBF Datasheet HTML 6Page - International Rectifier IRLS4030TRLPBF Datasheet HTML 7Page - International Rectifier IRLS4030TRLPBF Datasheet HTML 8Page - International Rectifier IRLS4030TRLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRLS/SL4030PbF
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by max. junction
temperature.
‚ Limited by TJmax, starting TJ = 25°C, L = 0.05mH
RG = 25Ω, IAS = 110A, VGS =10V. Part not recommended for use
above this value .
ƒ ISD ≤ 110A, di/dt ≤ 1330A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
S
D
G
… Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
† Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
‡ When mounted on 1" square PCB (FR-4 or G-10 Material). For
recommended footprint and soldering techniquea refer to applocation
note # AN- 994 echniques refer to application note #AN-994.
ˆ Rθ is measured at TJ approximately 90°C.
‰ RθJC value shown is at time zero.
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.10
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
3.4
4.3
m
Ω
–––
3.6
4.5
VGS(th)
Gate Threshold Voltage
1.0
–––
2.5
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
RG(int)
Internal Gate Resistance
–––
2.1
–––
Ω
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
320
–––
–––
S
Qg
Total Gate Charge
–––
87
130
Qgs
Gate-to-Source Charge
–––
27
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
45
–––
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
42
–––
td(on)
Turn-On Delay Time
–––
74
–––
tr
Rise Time
–––
330
–––
td(off)
Turn-Off Delay Time
–––
110
–––
tf
Fall Time
–––
170
–––
Ciss
Input Capacitance
––– 11360 –––
Coss
Output Capacitance
–––
670
–––
Crss
Reverse Transfer Capacitance
–––
290
–––
Coss eff. (ER) Effective Output Capacitance (Energy Related)h –––
760
–––
Coss eff. (TR) Effective Output Capacitance (Time Related)g
–––
1140
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
c
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
50
–––
TJ = 25°C
VR = 85V,
–––
60
–––
TJ = 125°C
IF = 110A
Qrr
Reverse Recovery Charge
–––
88
–––
TJ = 25°C
di/dt = 100A/µs
f
–––
130
–––
TJ = 125°C
IRRM
Reverse Recovery Current
–––
3.3
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VGS = 4.5V, ID = 92A
f
ns
nC
180
730
µA
nA
nC
ns
pF
A
–––
–––
–––
–––
ID = 110A
RG = 2.7
Ω
VGS = 4.5V
f
VDD = 65V
ID = 110A, VDS =0V, VGS = 4.5V
TJ = 25°C, IS = 110A, VGS = 0V
f
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 5mA
c
VGS = 10V, ID = 110A
f
VDS = VGS, ID = 250µA
VDS = 100V, VGS = 0V
VDS = 100V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
VDS = 50V
Conditions
VGS = 4.5V
f
VGS = 0V
VDS = 50V
ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 80V
h
VGS = 0V, VDS = 0V to 80V
g
Conditions
VDS = 25V, ID = 110A
ID = 110A
VGS = 16V
VGS = -16V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com