Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLS4030TRLPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLS4030TRLPBF
Description  DC Motor Drive
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLS4030TRLPBF Datasheet(HTML) 1 Page - International Rectifier

  IRLS4030TRLPBF Datasheet HTML 1Page - International Rectifier IRLS4030TRLPBF Datasheet HTML 2Page - International Rectifier IRLS4030TRLPBF Datasheet HTML 3Page - International Rectifier IRLS4030TRLPBF Datasheet HTML 4Page - International Rectifier IRLS4030TRLPBF Datasheet HTML 5Page - International Rectifier IRLS4030TRLPBF Datasheet HTML 6Page - International Rectifier IRLS4030TRLPBF Datasheet HTML 7Page - International Rectifier IRLS4030TRLPBF Datasheet HTML 8Page - International Rectifier IRLS4030TRLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
02/12/09
www.irf.com
1
HEXFET® Power MOSFET
Benefits
l Optimized for Logic Level Drive
l Very Low RDS(ON) at 4.5V VGS
l Superior R*Q at 4.5V VGS
l Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
l Fully Characterized Capacitance and Avalanche
SOA
l Enhanced body diode dV/dt and dI/dt Capability
l Lead-Free
Applications
l DC Motor Drive
l High Efficiency Synchronous Rectification in SMPS
l Uninterruptible Power Supply
l High Speed Power Switching
l Hard Switched and High Frequency Circuits
S
D
G
PD - 97370
IRLS4030PbF
IRLSL4030PbF
GD
S
Gate
Drain
Source
VDSS
100V
RDS(on) typ.
3.4m
Ω
max.
4.3mΩ
ID
180A
D2Pak
IRLS4030PbF
TO-262
IRLSL4030bF
G
D
S
GD
S
Absolute Maximum Ratings
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
c
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
dv/dt
Peak Diode Recovery
e
V/ns
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
(1.6mm from case)
Avalanche Characteristics
EAS (Thermally limited)
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
c
A
EAR
Repetitive Avalanche Energy
f
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
jk
–––
0.40
°C/W
RθJA
Junction-to-Ambient (PCB Mount)
ij
–––
40
300
Max.
180
130
730
305
See Fig. 14, 15, 22a, 22b
370
21
-55 to + 175
± 16
2.5


Similar Part No. - IRLS4030TRLPBF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRLS4030 ISC-IRLS4030 Datasheet
244Kb / 2P
Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLS4030-7PPBF IRF-IRLS4030-7PPBF Datasheet
293Kb / 9P
HEXFET Power MOSFET
IRLS4030-7PPBF IRF-IRLS4030-7PPBF Datasheet
293Kb / 9P
High Efficiency Synchronous Rectification in SMPS
IRLS4030-7PPBF IRF-IRLS4030-7PPBF_15 Datasheet
293Kb / 9P
High Efficiency Synchronous Rectification in SMPS
IRLS4030PBF IRF-IRLS4030PBF Datasheet
388Kb / 10P
HEXFET Power MOSFET
More results

Similar Description - IRLS4030TRLPBF

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK1896 SANYO-2SK1896 Datasheet
82Kb / 3P
DC-DC Converter, Motor Drive Applications
logo
Toshiba Semiconductor
2SJ439 TOSHIBA-2SJ439_07 Datasheet
729Kb / 6P
DC/DC Converter, Relay Drive and Motor Drive Applications
2SJ377 TOSHIBA-2SJ377_05 Datasheet
410Kb / 6P
Relay Drive, DC/DC Converter and Motor Drive Applications
2SJ668 TOSHIBA-2SJ668_09 Datasheet
195Kb / 6P
Relay Drive, DC/DC Converter and Motor Drive
2SJ669 TOSHIBA-2SJ669_09 Datasheet
166Kb / 6P
Relay Drive, DC/DC Converter and Motor Drive
2SK3438 TOSHIBA-2SK3438_10 Datasheet
203Kb / 6P
DC-DC Converter, Relay Drive and Motor Drive
2SK4014 TOSHIBA-2SK4014_10 Datasheet
238Kb / 6P
DC-DC Converter, Relay Drive and Motor Drive
logo
Shenzhen Huazhimei Semi...
HM2532E HMSEMI-HM2532E Datasheet
1Mb / 12P
DC motor drive circuit
HM2535 HMSEMI-HM2535 Datasheet
553Kb / 4P
DC motor drive IC
logo
Toshiba Semiconductor
2SK2996 TOSHIBA-2SK2996_V01 Datasheet
434Kb / 6P
DC−DC Converter, Relay Drive and Motor Drive
2009-09-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com